Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM20C64 Datasheet(PDF) 3 Page - Xicor Inc.

Part # XM20C64
Description  High Speed AUTOSTORE??NOVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM20C64 Datasheet(HTML) 3 Page - Xicor Inc.

  XM20C64 Datasheet HTML 1Page - Xicor Inc. XM20C64 Datasheet HTML 2Page - Xicor Inc. XM20C64 Datasheet HTML 3Page - Xicor Inc. XM20C64 Datasheet HTML 4Page - Xicor Inc. XM20C64 Datasheet HTML 5Page - Xicor Inc. XM20C64 Datasheet HTML 6Page - Xicor Inc. XM20C64 Datasheet HTML 7Page - Xicor Inc. XM20C64 Datasheet HTML 8Page - Xicor Inc. XM20C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XM20C64
3
TABLE 1
Step
Operation
A0–A10*
Data Pattern
1
Write
555
AA
2
Write
2AA
55
3
Write
555
Command
3874 PGM T11
TABLE 2
Command
Function
CC[H]
Enable Autostore
CD[H]
Disable Autostore
33[H]
Store Operation
3874 PGM T12.2
* It should be noted, the high order addresses should remain
stable during the operations. It should also be noted that these
commands are not global, that is only one device on the module
will be affected by each command operation.
Command Sequence
Note:
All Write Command Sequence timings must conform to the standard write timing requirements.
Command Sequence Timing Limits
Limits
Symbol
Parameter
Min.
Max.
Units
tSTO
Store Time
5
ms
tSP
Command Write Pulse Width
50
ns
tSPH
Inter Command Delay
55
ns
3874 PGM T01.1
3874 FHD F03.1
ADDRESS
555
2AAA
555
OE
CE
WE
NE
DATA IN
tSTO
tSP
CMD
55
AA
tDH
tDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com