Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM20C64 Datasheet(PDF) 4 Page - Xicor Inc.

Part # XM20C64
Description  High Speed AUTOSTORE??NOVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM20C64 Datasheet(HTML) 4 Page - Xicor Inc.

  XM20C64 Datasheet HTML 1Page - Xicor Inc. XM20C64 Datasheet HTML 2Page - Xicor Inc. XM20C64 Datasheet HTML 3Page - Xicor Inc. XM20C64 Datasheet HTML 4Page - Xicor Inc. XM20C64 Datasheet HTML 5Page - Xicor Inc. XM20C64 Datasheet HTML 6Page - Xicor Inc. XM20C64 Datasheet HTML 7Page - Xicor Inc. XM20C64 Datasheet HTML 8Page - Xicor Inc. XM20C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
XM20C64
4
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
VCC Active Current
100
mA
NE = WE + VIH, CE = OE = VIL,
Address Inputs = TTL Inputs @ f = 20MHz
All I/Os = Open
ICC2
VCC Active Current
10
mA
All Inputs = VIH, All I/Os = Open
(AUTOSTORE)
ISB
VCC Standby Current
1.5
mA
All Inputs = VCC–0.3V All I/Os = Open
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVIN = VSS to VCC, CE = VIH
VIL(1)
Input LOW Voltage
–0.5
0.8
V
VIH(1)
Input HIGH Voltage
2
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 5mA
VOLAS
AUTOSTORE Output
0.4
V
IOLAS = 1mA
Voltage
VOH
Output HIGH Voltage
2.4
V
IOH = –4mA
3874 PGM T08.2
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. –65
°C to +125°C
Storage Temperature ....................... –65
°C to +125°C
Voltage on any Pin with
Respect to VSS ............................................ –1V to +7V
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the module.
This is a stress rating only and the functional operation of
the module at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect module reliability.
Supply Voltage
Limits
XM20C64
5V
±10%
3874 PGM T07
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Military
–55
°C
+125
°C
3874 PGM T06
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
CI/O(2)
Input/Output Capacitance
40
pF
VI/O = 0V
CIN(2)
Input Capacitance
24
pF
VIN = 0V
3874 PGM T10.1
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR
Power-Up (VCC Min.) to RAM Operation
500
µs
tPUST
Power-Up (VCC Min.) to Store Operation
5
ms
3874 PGM T09
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com