Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM20C64 Datasheet(PDF) 1 Page - Xicor Inc.

Part # XM20C64
Description  High Speed AUTOSTORE??NOVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM20C64 Datasheet(HTML) 1 Page - Xicor Inc.

  XM20C64 Datasheet HTML 1Page - Xicor Inc. XM20C64 Datasheet HTML 2Page - Xicor Inc. XM20C64 Datasheet HTML 3Page - Xicor Inc. XM20C64 Datasheet HTML 4Page - Xicor Inc. XM20C64 Datasheet HTML 5Page - Xicor Inc. XM20C64 Datasheet HTML 6Page - Xicor Inc. XM20C64 Datasheet HTML 7Page - Xicor Inc. XM20C64 Datasheet HTML 8Page - Xicor Inc. XM20C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
XM20C64
1
©Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3874-1.6 6/20/96 T0/C2/D0 NS
High Speed AUTOSTORE™ NOVRAM
64K
XM20C64
8K x 8
FEATURES
• High Speed: tAA = 55ns
• NO Batteries!!
• Low Power CMOS
• AUTOSTORE™ NOVRAM
—Automatically Stores RAM data to E2PROM
upon Power-fail Detection
• Open Drain AUTOSTORE Output Pin
—Provides Interrupt or Status Information
—Linkable to System Reset Circuitry
• Auto Recall
—Automatically Recalls E2PROM Data During
Power-on
• Fully Decoded Module
• Full Military Temperature Range
— –55
°C to +125°C
• High Reliability
—Endurance: 1,000,000 Nonvolatile Store Cycles
—Data Retention: 100 Years
• ESD Protection
—
≥2KV All Pins
• Also Available in 66 Pin PUMA Package
DESCRIPTION
The XM20C64 is a high speed nonvolatile RAM Module.
It is comprised of four Xicor X20C16 high speed
NOVRAMs, a high speed decoder and decoupling
capacitors mounted on a co-fired multilayered Ceramic
substrate. The XM20C64 is configured 8K x 8 and is fully
decoded. The module is a 28-lead DIP conforming to the
industry standard pinout for SRAMs.
The XM20C64 fully supports the AUTOSTORE feature,
providing hands-off automatic storing of RAM data
into E2PROM when VCC falls below the AUTOSTORE
threshold.
The XM20C64 is a highly reliable memory component,
supporting unlimited writes to RAM, a minimum 1,000,000
store cycles and a minimum 100 year data retention.
3874 FHD F01
NE
OE
WE
CE
A0–A10
I/O
NE
OE
WE
CE
A0–A10
I/O
NE
OE
WE
CE
A0–A10
I/O
NE
OE
WE
CE
A0–A10
I/O
Y0
Y1
Y2
Y3
1
A1
A0
2
3
A12
A11
CE
7
AUTOSTORE
WE
OE
NE
A0–A10
I/O0–I/O7
6
5
4
23
31
25
2
30
23
31
25
2
30
23
31
25
2
30
23
31
25
2
30
AUTOSTORE™ NOVRAM is a trademark of Xicor, Inc.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
3874 FHD F02.1
NE
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
AS
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3


Similar Part No. - XM20C64

ManufacturerPart #DatasheetDescription
logo
XMC
XM25QH128A XMC-XM25QH128A Datasheet
1Mb / 78P
128 Megabit 3V Serial Flash Memory with 4Kbyte Uniform Sector
2018/08/06 Rev. H
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-12 XICOR-XM28C010P-12 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-15 XICOR-XM28C010P-15 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-20 XICOR-XM28C010P-20 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
More results

Similar Description - XM20C64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
High Speed AUTOSTORE??NOVRAM
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
SPI Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
128Kx8 Autostore nvSRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com