Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2670 Datasheet (PDF) - RF Micro Devices

RF2670 Datasheet PDF - RF Micro Devices
Part # RF2670
Download  RF2670 Download
File Size   204.63 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING

RF2670 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2670 Datasheet PDF - RF Micro Devices

Part # RF2670
Download  RF2670 Click to download

File Size   204.63 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING

RF2670 Datasheet (HTML) - RF Micro Devices


RF2670 Product details

Product Description
The RF2670 is a monolithic integrated circuit specifically designed for direct conversion to baseband QPSK receivers. The part provides dual baseband amplifiers with a 70dB gain range (single pin analog input) and separate I and Q RSSI. On-chip programmable baseband filters are incorporated into each amplifier providing 1MHz, 2MHz, 4MHz, or 8MHz bandwidth with a 5-pole Bessel response. I and Q output are available in digital or analog form. The data comparators use a self generated DC reference to track DC offsets in the received signal. The analog outputs have a 500mVpp swing with approximately 1.7V DC offset. A 2.0V reference voltage is also available for A/D converters changing DC bias.

Features
• I/Q Baseband Receivers
• 10dB to 80dB Gain Range
• Digital and Analog Outputs
• On-Chip Selectable IF Bandwidths
• Reference Voltage for A/D Converter
• 2.7V to 3.6V Operation

Typical Applications
• Digital Cordless Telephones
• Secure Communication Links
• Wireless LANs
• Inventory Tracking
• Wireless Security
• Battery Powered Applications




Similar Part No. - RF2670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF267 ETC2-RF267 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results


Similar Description - RF2670

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Maxim Integrated Produc...
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com