Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2670 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2670
Description  8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2670 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2670 Datasheet HTML 1Page - RF Micro Devices RF2670 Datasheet HTML 2Page - RF Micro Devices RF2670 Datasheet HTML 3Page - RF Micro Devices RF2670 Datasheet HTML 4Page - RF Micro Devices RF2670 Datasheet HTML 5Page - RF Micro Devices RF2670 Datasheet HTML 6Page - RF Micro Devices RF2670 Datasheet HTML 7Page - RF Micro Devices RF2670 Datasheet HTML 8Page - RF Micro Devices RF2670 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10-45
10
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
0-25 dB
0-20 dB
-12-+12
17dB
6dB
PD
BW SEL2
BW SEL1
RSSI Q
RSSI I
VREF
IN I+
IN I-
DCFB I
DCFB Q
IF OUT Q
Q DATA
IN Q+
IN Q-
IF OUT I
I DATA
1
2
11
14
13
24
23
20
19
5
8
15
18
21
10
17
16
9
7
4
VGC
DC
Bias
RF2670
8MHZ DUAL BASEBAND AGC WITH
PROGRAMMABLE LOW PASS FILTERING
• Digital Cordless Telephones
• Secure Communication Links
•Wireless LANs
• Inventory Tracking
• Wireless Security
• Battery Powered Applications
The RF2670 is a monolithic integrated circuit specifically
designed for direct conversion to baseband QPSK receiv-
ers. The part provides dual baseband amplifiers with a
70dB gain range (single pin analog input) and separate I
and Q RSSI. On-chip programmable baseband filters are
incorporated into each amplifier providing 1 MHz, 2MHz,
4 MHz, or 8MHz bandwidth with a 5-pole Bessel
response. I and Q output are available in digital or analog
form. The data comparators use a self generated DC ref-
erence to track DC offsets in the received signal. The
analog outputs have a 500 mVpp swing with approxi-
mately 1.7V DC offset. A 2.0V reference voltage is also
available for A/D converters changing DC bias.
• I/Q Baseband Receivers
• 10dBto80dBGainRange
• Digital and Analog Outputs
• On-Chip Selectable IF Bandwidths
• Reference Voltage for A/D Converter
• 2.7V to 3.6V Operation
RF2670
8MHz Dual Baseband AGC with Programmable Low
Pass Filtering
RF2670PCBA
Fully Assembled Eval Board.
10
Rev A4 010820
.069
.053
.050
.016
8°MAX
0°MIN
.010
.008
.157
.150
.244
.228
1
.344
.337
.012
.008
.025
.010
.004
.033
Package Style: SSOP-24


Similar Part No. - RF2670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF267 ETC2-RF267 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results

Similar Description - RF2670

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Maxim Integrated Produc...
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com