Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2670 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2670
Description  8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2670 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2670 Datasheet HTML 4Page - RF Micro Devices RF2670 Datasheet HTML 5Page - RF Micro Devices RF2670 Datasheet HTML 6Page - RF Micro Devices RF2670 Datasheet HTML 7Page - RF Micro Devices RF2670 Datasheet HTML 8Page - RF Micro Devices RF2670 Datasheet HTML 9Page - RF Micro Devices RF2670 Datasheet HTML 10Page - RF Micro Devices RF2670 Datasheet HTML 11Page - RF Micro Devices RF2670 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10-55
RF2670
Rev A4 010820
10
IIP3 versus Voltage Gain
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
Voltage Gain (dB)
-40°C
+25°C
+100°C
Noise Figure versus Voltage Gain
(Non-Matched Input Z)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
Voltage Gain (dB)
-40°C
+25°C
+100°C
Voltage Gain versus Gain Control Voltage
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
1.21.3
1.41.5
1.61.7
1.81.9
2
Gain Control Voltage (V)
-40°C
+25°C
+100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com