Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2670 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2670
Description  8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2670 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2670 Datasheet HTML 1Page - RF Micro Devices RF2670 Datasheet HTML 2Page - RF Micro Devices RF2670 Datasheet HTML 3Page - RF Micro Devices RF2670 Datasheet HTML 4Page - RF Micro Devices RF2670 Datasheet HTML 5Page - RF Micro Devices RF2670 Datasheet HTML 6Page - RF Micro Devices RF2670 Datasheet HTML 7Page - RF Micro Devices RF2670 Datasheet HTML 8Page - RF Micro Devices RF2670 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10-48
RF2670
Rev A4 010820
10
Pin
Function
Description
Interface Schematic
1IN I-
Complementary input for the in-phase IF channel.
2IN I+
Input for the in-phase IF channel.
3
GND2
Ground for VCC2.
4
DCFB I
DC feedback capacitor for in-phase channel.
5
VCC2
Power supply for VGA amplifier 3, differential to single-ended converter,
and post filter.
6
GND3
Ground for VCC3.
7IF OUT I
Analog signal IF output for in-phase channel.
8
VCC3
Power supply for data amplifier.
9I DATA
Logic-level data output for the in-phase channel. This is a digital output
signal obtained from the output of a Schmitt trigger.
10
RSSI I
Received signal strength indicator for the in-phase channel.
11
PD
Enable pin for the receiver circuits. PD >2.0V powers up all of the func-
tions. PD< 1.0V turns off all of the functions.
12
GND1
Ground for VCC1 for both the in-phase and quadrature channels.
13
BW SEL1
Bandwidth select logic input. Pin 13 and pin 14 provide a two bit control
word for the setting of the IF bandwidth. See Table1. Additional filtering
should be used at the amplifiers to precisely control the 3dB bandwidth
of the system. See design information details about differential input fil-
ters.
14
BW SEL2
See pin 13.
15
Q DATA
Logic-level data output for the quadrature channel. This is a digital out-
put signal obtained from the output of a Schmitt trigger.
16
RSSI Q
Received signal strength indicator for the quadrature channel.
17
VREF
Gain control reference voltage.
18
IF OUT Q
Analog signal IF output for quadrature channel.
19
VGC
Gain control voltage.
20
VCC1
Power supply for bias circuits and VGA amplifiers for both the in-phase
and quadrature channels.
21
DCFB Q
DC feedback capacitor for quadrature channel.
22
GND1
Ground for VCC1 for both the in-phase and quadrature channels.
23
IN Q+
Plus input for quadrature channel
24
IN Q-
Minus input for quadrature channel
Table 1: Bandwidth Selection Controls
BWSEL1
BWSEL2
IF-3dB
Frequency
00
1MHz
01
2MHz
10
4MHz
11
8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com