Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2670 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2670
Description  8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2670 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2670 Datasheet HTML 1Page - RF Micro Devices RF2670 Datasheet HTML 2Page - RF Micro Devices RF2670 Datasheet HTML 3Page - RF Micro Devices RF2670 Datasheet HTML 4Page - RF Micro Devices RF2670 Datasheet HTML 5Page - RF Micro Devices RF2670 Datasheet HTML 6Page - RF Micro Devices RF2670 Datasheet HTML 7Page - RF Micro Devices RF2670 Datasheet HTML 8Page - RF Micro Devices RF2670 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10-46
RF2670
Rev A4 010820
10
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage
-0.5 to +3.6
VDC
Control Voltages
-0.5 to +3.6
VDC
Input RF Level
+20
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Baseband Amplifiers
T=25°C, VCC=3.0V
Frequency Range
0.01
8
MHz
Minimum frequency is dependent upon input
blocking cap, DC feedback cap, and gain
setting. Recommended components yields a
minimum frequency of less than 10kHz.
Voltage Gain
77
80
83
dB
Noise Figure
5
dB
At maximum gain setting
35
dB
At minimum gain setting
Input IP3
-65
dBm
At maximum gain setting
+2
dBm
At minimum gain setting
Output DC offset
0
25
mV
Gain Control Range
65
70
dB
Gain Control Voltage Range
1.2
2.0
V
Gain Control Sensitivity
-0.08
dB/mV
VGA Output Voltage
500
mVPP
VGA DC Output Voltage
1.7
V
Output P1dB
1
1.64
VPP
Driving a 5k
Ω load
RSSI Range
55
60
dB
At maximum gain setting
RSSI Output Voltage Compli-
ance
0.5 to 2.4
V
Maximum RSSI is 2.5V or VCC-0.3, which-
ever is less.
Input Impedance
1.5
2
2.5
k
Ω
Differential
Integrated Filters
Characteristics
Five pole Bessel
Five pole Bessel internal LPF.
Three pole external LPF.
Bandwidth
1, 2, 4, 8
MHz
Selectable from 1MHz, 2MHz, 4MHz, and
8MHz.
Passband Ripple
1
dB
Group Delay
100
ns
At 8MHz, increasing as bandwidth
decreases.
Ultimate Rejection
50
80
dB
Data Amplifiers
Voltage Gain
100
dB
Bandwidth
8
MHz
Rise and Fall Time
2
5
ns
5pF Load
Logic High Output
VCC-0.3V
V
Can sink/source 1mA and maintain these
logic levels.
Logic Low Output
0.3
V
Can sink/source 1mA and maintain these
logic levels.
Hysteresis
40
mV
Power Down Control
Logical Controls “ON”
VCC-0.3V
V
Voltage supplied to the input
Logical Controls “OFF”
0.3
V
Voltage supplied to the input
Control Input Impedance
>1
M
Ω
Turn on Time
10
13
ms
With recommended DC feedback cap
(270nF)
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com