Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MG Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMV641MG Datasheet PDF - National Semiconductor (TI)
Part # LMV641MG
Download  LMV641MG Download
File Size   1243.53 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 10 MHz, 12V, Low Power Amplifier

LMV641MG Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV641MG Datasheet PDF - National Semiconductor (TI)

Part # LMV641MG
Download  LMV641MG Click to download

File Size   1243.53 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 10 MHz, 12V, Low Power Amplifier

LMV641MG Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMV641MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV641MG/NOPB TI1-LMV641MG/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MG/NOPB TI2-LMV641MG/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MG/NOPB.A TI2-LMV641MG/NOPB.A Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MGE/NOPB TI1-LMV641MGE/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MGE/NOPB TI2-LMV641MGE/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
More results


Similar Description - LMV641MG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
Low Frequency Amplifier (-12V, -2A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
Low frequency amplifier (12V, 2A)
logo
Microchip Technology
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
logo
Texas Instruments
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com