Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MG
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV641MG Datasheet HTML 1Page - National Semiconductor (TI) LMV641MG Datasheet HTML 2Page - National Semiconductor (TI) LMV641MG Datasheet HTML 3Page - National Semiconductor (TI) LMV641MG Datasheet HTML 4Page - National Semiconductor (TI) LMV641MG Datasheet HTML 5Page - National Semiconductor (TI) LMV641MG Datasheet HTML 6Page - National Semiconductor (TI) LMV641MG Datasheet HTML 7Page - National Semiconductor (TI) LMV641MG Datasheet HTML 8Page - National Semiconductor (TI) LMV641MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
 Human Body Model
2000V
 Machine Model
200V
Differential Input V
ID
±0.3V
Supply Voltage (V
S = V
+ - V−)
13.2V
Input/Output Pin Voltage
V+ +0.3V, V− −0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (Note 3)
+150°C
Soldering Information
 Infrared or Convection (20 sec)
235°C
 Wave Soldering Lead Temp (10 sec)
260°C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40°C to 125°C
Supply Voltage (V
S = V
+ - V−)
2.7V to 12V
Package Thermal Resistance (
θ
JA)(Note 3)
5-Pin SC70
456°C/W
8-Pin SOIC
166°C/W
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25°C, V
+ = 2.7V, V− = 0V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
30
500
750
µV
TC V
OS
Input Offset Average Drift
0.1
μV/°C
I
B
Input Bias Current
(Note 6)
75
95
110
nA
I
OS
Input Offset Current
0.9
5
nA
CMRR
Common Mode Rejection Ratio 0V
≤ V
CM ≤ 1.7V
89
84
114
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 10V, V
CM = 0.5
94.5
92.5
105
dB
2.7V
≤ V+ ≤ 12V, V
CM = 0.5
94
92
100
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 80 dB
CMRR
≥ 68 dB
0
1.8
V
A
VOL
Large Signal Voltage Gain
0.3V
≤ V
O ≤ 2.4V, RL = 2 kΩ to V
+/2
0.4V
≤ V
O ≤ 2.3V, RL = 2 kΩ to V
+/2
82
78
88
dB
0.3V
≤ V
O ≤ 2.4V, RL = 10 kΩ to V
+/2
0.4V
≤ V
O ≤ 2.3V, RL = 10 kΩ to V
+/2
86
82
98
V
O
Output Swing High
R
L = 2 kΩ to V
+/2, V
IN = 100 mV
42
58
68
mV from
rail
R
L = 10 kΩ to V
+/2, V
IN = 100 mV
22
35
40
Output Swing Low
R
L = 2 kΩ to V
+/2, V
IN = 100 mV
38
48
58
R
L = 10 kΩ to V
+/2, V
IN = 100 mV
18
30
35
I
OUT
Sourcing and Sinking Output
Current
V
IN_DIFF = 100 mV to
V
O = V
+/2 (Note 7)
Sourcing
22
mA
Sinking
25
I
S
Supply Current
138
170
220
μA
SR
Slew Rate
A
V = +1, VO = 1 VPP
Rising (10% to 90%)
2.3
V/
μs
Falling (90% to 10%)
1.6
GBW
Gain Bandwidth Product
10
MHz
e
n
Input-Referred Voltage Noise
f = 1 kHz
14
nV/
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com