Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MG Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MG
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MG Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV641MG Datasheet HTML 1Page - National Semiconductor (TI) LMV641MG Datasheet HTML 2Page - National Semiconductor (TI) LMV641MG Datasheet HTML 3Page - National Semiconductor (TI) LMV641MG Datasheet HTML 4Page - National Semiconductor (TI) LMV641MG Datasheet HTML 5Page - National Semiconductor (TI) LMV641MG Datasheet HTML 6Page - National Semiconductor (TI) LMV641MG Datasheet HTML 7Page - National Semiconductor (TI) LMV641MG Datasheet HTML 8Page - National Semiconductor (TI) LMV641MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics
Tables.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Note 3: The maximum power dissipation is a function of T
J(MAX, θJA. The maximum allowable power dissipation at any ambient temperature is
P
D = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 5: Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using Statistical Quality
Control (SQC) method.
Note 6: Positive current corresponds to current flowing into the device.
Note 7: The part is not short circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output current curves
are provided in the Typical Performance Characteristics and should be consulted before designing for heavy loads.
Connection Diagrams
5-Pin SC70
20203339
Top View
8-Pin SOIC
20203340
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SC70
LMV641MG
A99
1k Units Tape and Reel
MAA05A
LMV641MGE
250 Units Tape and Reel
LMV641MGX
3k Units Tape and Reel
8-Pin SOIC
LMV641MA
LMV641MA
95 Units/Rail
M08A
LMV641MAE
250 Units Tape and Reel
LMV641MAX
2.5k Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com