Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MG
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV641MG Datasheet HTML 1Page - National Semiconductor (TI) LMV641MG Datasheet HTML 2Page - National Semiconductor (TI) LMV641MG Datasheet HTML 3Page - National Semiconductor (TI) LMV641MG Datasheet HTML 4Page - National Semiconductor (TI) LMV641MG Datasheet HTML 5Page - National Semiconductor (TI) LMV641MG Datasheet HTML 6Page - National Semiconductor (TI) LMV641MG Datasheet HTML 7Page - National Semiconductor (TI) LMV641MG Datasheet HTML 8Page - National Semiconductor (TI) LMV641MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2007
LMV641
10 MHz, 12V, Low Power Amplifier
General Description
The LMV641 is a low power, wide bandwidth operational am-
plifier with an extended power supply voltage range of 2.7V
to 12V.
It features 10 MHz of gain bandwidth product with unity gain
stability on a typical supply current of 138
μA. Other key spec-
ifications are a PSRR of 105 dB, CMRR of 120 dB, V
OS of
500 μV, input referred voltage noise of 14 nV/
, and a THD
of 0.002%. This amplifier has a rail-to-rail output stage, and a
common mode input voltage which includes the negative sup-
ply.
The LMV641 operates over a temperature range of −40°C to
+125°C and is offered in the board space saving 5-Pin SC70
and 8-Pin SOIC packages.
Features
■ Guaranteed 2.7V, and ±5V performance
■ Low power supply current
138 µA
■ High unity gain bandwidth
10 MHz
■ Max input offset voltage
500 µV
■ CMRR
120 dB
■ PSRR
105 dB
■ Input referred voltage noise
14 nV/
√Hz
■ 1/f corner frequency
4 Hz
■ Output swing with 2 kΩ load
40 mV from rail
■ Total harmonic distortion
0.002% @ 1 kHz, 2 k
Ω
■ Temperature range
−40°C to 125°C
Applications
■ Portable equipment
■ Automotive
■ Battery powered systems
■ Sensors and instrumentation
20203319
Offset Voltage Distribution
20203326
Open Loop Gain and Phase vs. Frequency
© 2007 National Semiconductor Corporation
202033
www.national.com


Similar Part No. - LMV641MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV641MG/NOPB TI1-LMV641MG/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MG/NOPB TI2-LMV641MG/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MG/NOPB.A TI2-LMV641MG/NOPB.A Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
LMV641MGE/NOPB TI1-LMV641MGE/NOPB Datasheet
1Mb / 27P
LMV641
LMV641MGE/NOPB TI2-LMV641MGE/NOPB Datasheet
1Mb / 40P
LMV641 10-MHz, 12-V, Low-Power Amplifier
REVISED AUGUST 2016
More results

Similar Description - LMV641MG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
Low Frequency Amplifier (-12V, -2A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
Low frequency amplifier (12V, 2A)
logo
Microchip Technology
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
logo
Texas Instruments
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com