Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MG
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV641MG Datasheet HTML 1Page - National Semiconductor (TI) LMV641MG Datasheet HTML 2Page - National Semiconductor (TI) LMV641MG Datasheet HTML 3Page - National Semiconductor (TI) LMV641MG Datasheet HTML 4Page - National Semiconductor (TI) LMV641MG Datasheet HTML 5Page - National Semiconductor (TI) LMV641MG Datasheet HTML 6Page - National Semiconductor (TI) LMV641MG Datasheet HTML 7Page - National Semiconductor (TI) LMV641MG Datasheet HTML 8Page - National Semiconductor (TI) LMV641MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
i
n
Input-Referred Current Noise
f = 1 kHz
0.15
pA/
THD
Total Harmonic Distortion
f = 1 kHz, A
V = 2, RL = 2 kΩ
0.014
%
10V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25°C, V
+ = 10V, V− = 0V,V
O = VCM = V
+/2, and R
L > 1 MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
5
500
750
µV
TC V
OS
Input Offset Average Drift
0.1
μV/°C
I
B
Input Bias Current
(Note 6)
70
90
105
nA
I
OS
Input Offset Current
0.7
5
nA
CMRR
Common Mode Rejection Ratio 0V
≤ V
CM ≤ 9V
94
90
120
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 10V, V
CM = 0.5V
94.5
92.5
105
dB
2.7V
≤ V+ ≤ 12V, V
CM = 0.5V
94
92
100
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 80 dB
CMRR
≥ 76 dB
0
9.1
V
A
VOL
Large Signal Voltage Gain
0.3V
≤ V
O ≤ 9.7V, RL = 2 kΩ to V
+/2
0.4V
≤ V
O ≤ 9.6V, RL = 2 kΩ to V
+/2
90
85
99
dB
0.3V
≤ V
O ≤ 9.7V, RL = 10 kΩ to V
+/2
0.4V
≤ V
O ≤ 9.6V, RL = 10 kΩ to V
+/2
97
92
104
V
O
Output Swing High
R
L = 2 kΩ to V
+/2, V
IN = 100 mV
68
95
125
mV from
rail
R
L = 10 kΩ to V
+/2, V
IN = 100 mV
37
55
65
Output Swing Low
R
L = 2 kΩ to V
+/2, V
IN = 100 mV
65
90
110
R
L = 10 kΩ to V
+/2, V
IN = 100 mV
32
42
52
I
OUT
Sourcing and Sinking Output
Current
V
IN_DIFF = 100 mV
to V
O = V
+/2 (Note 7)
Sourcing
26
mA
Sinking
112
I
S
Supply Current
158
190
240
μA
SR
Slew Rate
A
V = +1, VO = 2V to 8
V
PP
Rising (10% to 90%)
2.6
V/
μs
Falling (90% to 10%)
1.6
GBW
Gain Bandwidth Product
10
MHz
e
n
Input-Referred Voltage Noise
f = 1 kHz
14
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
0.15
pA/
THD
Total Harmonic Distortion
f = 1 kHz, A
V = 2, RL = 2 kΩ
0.002
%
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com