Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5609 Datasheet (PDF) - Sanyo Semicon Device

LA5609 Datasheet PDF - Sanyo Semicon Device
Part # LA5609
Download  LA5609 Download
File Size   163.5 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-function Voltage Regulator for Radio Cassette Recorders with CD Player

LA5609 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5609 Datasheet PDF - Sanyo Semicon Device

Part # LA5609
Download  LA5609 Click to download

File Size   163.5 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-function Voltage Regulator for Radio Cassette Recorders with CD Player

LA5609 Datasheet (HTML) - Sanyo Semicon Device


LA5609 Product details

Overview
The LA5609 is a multi-function multi-voltage power supply that includes a built-in on/off function. The LA5609 provides dedicated outputs for motors, audio systems, CD drive, radio, microprocessor, and loading drives, thus making it optimal for use as the system power supply in radio cassette recorders with CD player.

Features
• Supports end-product miniaturization by the provision of built-in control circuits.
• Provides reduced internal power dissipation by the adoption of a low-saturation regulator.
• Built-in output current limiter prevents IC destruction due to output shorts.

Functions
• Power supply systems for radio cassette recorders with CD player
• Miniature electronic equipment
• Low-saturation regulator (14.5 V/1.2 A, 9 V/300 mA, 7.5 V/800 mA)
• High-precision power supply (two 5 V/220 mA systems, 5 V/100 mA, 8 V/800 mA)
• Limiter power supply (9 V/60 mA)




Similar Part No. - LA5609

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
Low Dropout Regulator with Reset
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
Low-Dropout Voltage Regulator with Reset and On-Off Function
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
Multi-function, Multiple Voltage Power Supply
LA5603 SANYO-LA5603 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
LA5603 SANYO-LA5603_V01 Datasheet
86Kb / 4P
Multifunction, Multiple Voltage Power Supply
More results


Similar Description - LA5609

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8224H TOSHIBA-TA8224H Datasheet
425Kb / 12P
MULTI OUTPUT VOLTAGE REGULATOR FOR CD PLAYER
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
2-channel head switch for radio cassette recorders
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
Sound processor for CD radio cassette player
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com