Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet (PDF) - Diodes Incorporated

API9221 Datasheet PDF - Diodes Incorporated
Part # API9221
Download  API9221 Download
File Size   295.62 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB

API9221 Datasheet (PDF)

Go To PDF Page Download Datasheet
API9221 Datasheet PDF - Diodes Incorporated

Part # API9221
Download  API9221 Click to download

File Size   295.62 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB

API9221 Datasheet (HTML) - Diodes Incorporated


API9221 Product details

Description
The API9221 has two supply inputs for highly integrated portable applications, enabling charging from a USB host, wall adapter, or car adapter.

Features
• Linear Lithium Ion / Lithium Polymer charging IC
• Supplied from USB Host or Car/Wall Adapter
• Overvoltage Protection USB: 5.4V, Wall:6.9V
• Supply Inputs Safe up to 28V
• Fast Charging with Maximum Current of 1.2A
• Integrated Linear Regulator of 4.9V at 10mA with Current Limit
• Separate Resistor-Programmable Charging Current for Wall and USB
• Resistor Programmable End-Of-Charge
• Current Limit on USB Bypass Path
• Indicator Pins for Charging and Power Present
• Enable Pin to Enable Host Control Charging
• Reverse Current Protection
• Thermal Protection
• U-DFN4030-12: Available in “Green” Molding Compound (No Br, Sb)  Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)  Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Handheld Consumer Devices
• Cell Phones, PDAs, MP3 Players
• Handheld Test Equipment
• Digital Still Cameras
• Multimedia Players




Similar Part No. - API9221

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
API9221FCG DIODES-API9221FCG Datasheet
672Kb / 16P
CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
Rev erse
API9221FCG-13 DIODES-API9221FCG-13 Datasheet
672Kb / 16P
CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
Rev erse
API9221 DIODES-API9221_16 Datasheet
672Kb / 16P
CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
Rev erse
More results


Similar Description - API9221

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
2007.01.1.2
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Intersil Corporation
ISL9221 INTERSIL-ISL9221 Datasheet
244Kb / 11P
Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
USB-Friendly Lithium-Ion Battery Charger
logo
Diodes Incorporated
API9221 DIODES-API9221_16 Datasheet
672Kb / 16P
CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
Rev erse
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
USB-Compatible Lithium Battery Charger
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com