Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # API9221
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 4 Page - Diodes Incorporated

  API9221 Datasheet HTML 1Page - Diodes Incorporated API9221 Datasheet HTML 2Page - Diodes Incorporated API9221 Datasheet HTML 3Page - Diodes Incorporated API9221 Datasheet HTML 4Page - Diodes Incorporated API9221 Datasheet HTML 5Page - Diodes Incorporated API9221 Datasheet HTML 6Page - Diodes Incorporated API9221 Datasheet HTML 7Page - Diodes Incorporated API9221 Datasheet HTML 8Page - Diodes Incorporated API9221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
4 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDC, VUSB to GND
-0.3 to 28V
V
EN
, IMIN, IVDC, IUSB, BAT
-0.3 to 7V
V
USB_BYP, VDC_LDO
-0.3 to 7V
V
CHG , PPR
-0.3 to 7V
V
ESD Susceptibility (Note 2)
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
Thermal Resistance (Note 3)
Symbol
Parameter
Rating
Unit
θ
JA
Junction to Ambient
41
°C/W
θ
JC
Junction to Case
3.5
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Rating
Unit
Ambient Temperature Range
-40 to +85
°C
VUSB
Supply Voltage (VUSB)
4.5 to 5.3
V
VDC
Supply Voltage (VDC)
4.5 to 6.7
V
IVDC_CHRG
Typical Adapter Charge Current
0.1 to 1.2
A
IUSB_CHRG
Typical USB Charge Current
46.5 to 465
mA
IUSB-BYP
Typical USB Bypass Current
0 to 200
mA
ILDO
Typical LDO Current
0 to 10
mA
Notes:
2. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should
be taken when handling and transporting this device.
3. Test condition for DFN4030-12: Measured on approximately 1” square of 1 oz copper.
4. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com