Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # API9221
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button API9221 Datasheet HTML 7Page - Diodes Incorporated API9221 Datasheet HTML 8Page - Diodes Incorporated API9221 Datasheet HTML 9Page - Diodes Incorporated API9221 Datasheet HTML 10Page - Diodes Incorporated API9221 Datasheet HTML 11Page - Diodes Incorporated API9221 Datasheet HTML 12Page - Diodes Incorporated API9221 Datasheet HTML 13Page - Diodes Incorporated API9221 Datasheet HTML 14Page - Diodes Incorporated API9221 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
11 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Functional Description (Continued)
Fault Summary and Protection
Overvoltage protection: If VDC is greater than OVPVDC (6.9V), the VDC charging path is turned off until VDC falls
below OVPVDC - HOVPVDC, where HOVPVDC is the OVP hysteresis. Similarly, if VUSB is greater than OVPVUSB
(5.4V), the USB charging path is turned off until VUSB falls below OVPVUSB – HOVPVUSB.
USB_BYP current limit: The USB_BYP load current is limited to 400mA (nominally).
USB_BYP reverse blocking: If the voltage at USB_BYP is greater than VUSB, the USB bypass path is turned off.
BAT reverse blocking: If the battery voltage is greater than either VDC or VUSB, the relevant charge path is
turned off.
VDC_LDO reverse blocking: If the voltage at VDC_LDO is greater than VDC, the linear regulator is turned off.
Thermal protection: When the junction temperature reaches 125°C, a current foldback circuit is activated. This
effectively limits the power dissipation to a safe level.
Power Supply Filtering and Stability
At each of the inputs VDC and VUSB, a local decoupling capacitor is required to be connected to GND. A
minimum value of 1µF is recommended, ceramic type X7R. (The USB standard sets an upper bound of
capacitance somewhat larger than this.)
At the linear regulator output VDC_LDO, a local decoupling capacitor is required, connected to GND. A value of
1µF is recommended, ceramic type X7R.
At the battery connection BAT, a local decoupling capacitor is required, connected to GND. A value of 1µF is
recommended, ceramic type X7R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com