Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # API9221
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button API9221 Datasheet HTML 2Page - Diodes Incorporated API9221 Datasheet HTML 3Page - Diodes Incorporated API9221 Datasheet HTML 4Page - Diodes Incorporated API9221 Datasheet HTML 5Page - Diodes Incorporated API9221 Datasheet HTML 6Page - Diodes Incorporated API9221 Datasheet HTML 7Page - Diodes Incorporated API9221 Datasheet HTML 8Page - Diodes Incorporated API9221 Datasheet HTML 9Page - Diodes Incorporated API9221 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
6 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Electrical Characteristics (Continued)
API9221 is tested at VDC = VUSB = 5V at an ambient temperature of +25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIUSB
IUSB Pin Output Voltage
VBAT = 3.8V
1.22
1.25
1.28
V
IUSB_CHRG
VUSB Constant Current
RIUSB = 29.4kΩ,
VBAT = 2.7V to 3.8V
180
232
260
mA
IUSB_TRKL
VUSB Trickle Charge Current
RIUSB = 29.4kΩ,
VBAT = 2.2V and if
IUSB_CHRG ≤ IVDC_TRKL,
then given as a % of
the IUSB CHRG
15
17
19
%
If IUSB_CHRG ≤ IVDC_TRKL
-
IUSB_CHRG
-
%
IMIN
DC and USB End-of-Charge
Threshold
RMIN = 10kΩ
40
55
70
mA
PRECONDITIONING CHARGE THRESHOLD
VMIN
Preconditioning Charge
Threshold Voltage
2.5
2.6
2.7
V
RECHARGE THRESHOLD
VRCH
Recharge Threshold Voltage
3.8
3.9
4.0
V
PROTECTIONS
OVPVDC
VDC Overvoltage Level
6.7
6.9
7.1
V
HOVPVDC
VDC Overvoltage Hysteresis
-
240
340
mV
OVPVUSB
VUSB Overvoltage Level
5.3
5.4
5.55
V
HOVPVUSB
VUSB Overvoltage
Hysteresis
-
150
200
mV
IOCP
Short Circuit (USB_BYP)
-
400
600
mA
BYPASS FETS
USB_rDS(ON)
Resistance VUSB to
USB_BYP
Measured at 200mA,
4.3V < VDC < 5.3V
-
1.16
2.0
VUSBDO
Dropout VUSB to USB_BYP
IOUT = 150mA
VVUSB > 4.3V
-
200
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com