Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # API9221
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button API9221 Datasheet HTML 5Page - Diodes Incorporated API9221 Datasheet HTML 6Page - Diodes Incorporated API9221 Datasheet HTML 7Page - Diodes Incorporated API9221 Datasheet HTML 8Page - Diodes Incorporated API9221 Datasheet HTML 9Page - Diodes Incorporated API9221 Datasheet HTML 10Page - Diodes Incorporated API9221 Datasheet HTML 11Page - Diodes Incorporated API9221 Datasheet HTML 12Page - Diodes Incorporated API9221 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
9 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Functional Description (Continued)
When the charge current falls below IMIN, CHG goes HIGH (provided it has an external pull-up). This state is
latched and is not re-set until one of the following events occurs:
1. EN is driven HIGH and LOW again
2. The active supply is removed and re-applied
3. VBAT falls below the re-charge threshold of 3.9V (nominally)
Note that the outputs, BAT, USB_BYP and VDC_LDO are reverse current protected. If an external voltage higher
than the supply voltage is connected to one of these outputs, that output will be disabled.
Charging from Adapter Power (VDC pin)
The battery can be charged from an AC powered wall adapter or in-car adapter at a current of up to 1.2A using
this input pin. The maximum charge current is set by an external resistor, RIVDC connected between the IVDC and
GND pins. If VDC is greater than the power-on threshold voltage (VPOR) and less than the over-voltage protection
threshold (OVPVDC), the battery will begin to charge at a rate dependent on the battery voltage.
When VDC input is as recommended, (4.5V to 6.7V), no charge current is drawn from the VUSB input as VDC
takes precedence. Input operation below 4.5V is also possible, but the charging rate may be affected.
The resistor RIVDC determines the charge current according to
IVDC
R
6820
IVDC
=
Amp
For example, a resistor value of 13k
Ω sets a charge current of 0.525A. The recommended IVDC setting is 100mA
to 1200mA.
The maximum charge current available may be otherwise limited by the car/wall adapter current limit, by thermal
protection within the API9221, or by the rDS(ON) of the FET in the VDC charging path. For example, if IVDC is set
to 1A, there is a voltage drop of 0.6V due the typical rDS(ON) of 600mΩ at room temperature. Therefore, the voltage
at the VDC input must be at least 4.8V to charge the battery to 4.2V in the minimum time.
The VDC input is safe from damage up to 28V.
Charging from USB Power (VUSB pin)
The battery can be charged at a current of up to 0.5A from this pin. In this case the maximum available charge
current is set by an external resistor RIUSB connected between the IUSB and GND pins. If VUSB is greater than
the power-on threshold voltage (VPOR) and less than the over-voltage protection threshold (OVPVUSB), the battery
will begin to charge at a rate dependent on the battery voltage.
The resistor RIUSB resistor determines the charge current according to
IUSB
R
6820
IUSB
=
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com