Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # API9221
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 5 Page - Diodes Incorporated

  API9221 Datasheet HTML 1Page - Diodes Incorporated API9221 Datasheet HTML 2Page - Diodes Incorporated API9221 Datasheet HTML 3Page - Diodes Incorporated API9221 Datasheet HTML 4Page - Diodes Incorporated API9221 Datasheet HTML 5Page - Diodes Incorporated API9221 Datasheet HTML 6Page - Diodes Incorporated API9221 Datasheet HTML 7Page - Diodes Incorporated API9221 Datasheet HTML 8Page - Diodes Incorporated API9221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
5 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Electrical Characteristics
API9221 is tested at VDC = VUSB = 5V at an ambient temperature of +25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
CHARGER POWER-ON THRESHOLDS
VPOR
Rising VUSB/VDC Threshold
3.4
3.9
4.2
V
VPOF
Falling VUSB/VDC Threshold
3.2
3.7
4.0
V
INPUT VOLTAGE OFFSET
VOSHC
Rising VDC or VUSB, relative to
VBAT
VBAT = 4.0V, use
CHG pin to indicate
the comparator
output
-
150
250
mV
VOSLC
Falling VDC or VUSB, relative to
VBAT
VBAT = 4.0V, use
CHG pin to indicate
the comparator
output
20
80
-
mV
STANDBY CURRENT
ISTANDBY
BAT Pin Sink Current
EN
= HIGH or both
inputs are floating
-
0.05
0.5
µA
IVDC
VDC Pin Supply Current
EN
= HIGH, ILDO = 0
-
380
460
µA
IVUSB
VUSB Pin Supply Current
EN
= HIGH,
USB_BYP
disconnected
-
330
400
µA
IVDC_VUSB
VDC/VUSB Pin Supply Current
EN
= LOW, ILDO = 0,
USB_BYP
disconnected
-
0.63
1.1
mA
VOLTAGE REGULATION
VBATMAX
Final Output Voltage, BAT Pin
Load = 10mA
4.158
4.2
4.242
V
Load = 10mA
(TJ = +25°C)
4.174
4.2
4.226
V
rDS(ON)_VDC
VDC Linear ON-resistance
VBAT =3.8V, IVDC =
0.3A, (TJ = +25°C)
-
550
-
m
rDS(ON)_VUSB
VUSB Linear ON-resistance
VBAT = 3.8V, IUSB =
0.3A, (TJ = +25°C)
-
550
-
m
CHARGE CURRENT
VIVDC
VDC Pin Output Voltage
VBAT = 3.8V
1.22
1.25
1.28
V
IVDC_CHRG
VDC Constant Current
RIVDC = 12.4kΩ, VBAT
= 2.7V to 3.8V
450
550
600
mA
IVDC_TRKL
VDC Trickle Charge Current
RIVDC = 12.4kΩ, VBAT
= 2.2V, given as a %
of the IVDC CHARGE
15
17
19
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com