Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3903 Datasheet (PDF) - Microchip Technology

MCP3903 Datasheet PDF - Microchip Technology
Part # MCP3903
Download  MCP3903 Download
File Size   1676.2 Kbytes
Page   54 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Six Channel Delta Sigma A/D Converter

MCP3903 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3903 Datasheet PDF - Microchip Technology

Part # MCP3903
Download  MCP3903 Click to download

File Size   1676.2 Kbytes
Page   54 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Six Channel Delta Sigma A/D Converter

MCP3903 Datasheet (HTML) - Microchip Technology


MCP3903 Product details

Description

The MCP3903 is a six-channel Analog Front End (AFE) containing three pairs made out of two synchronous

sampling Delta-Sigma Analog-to-Digital Converters (ADC) with PGA, a phase delay compensation block, internal voltage reference, and high-speed 10 MHz SPI compatible serial interface. The converters contain a proprietary dithering algorithm for reduced idle tones and improved THD.



Features

• Six Synchronous Sampling 16/24-bit Resolution Delta-Sigma A/D Converters with Proprietary

  Multi-Bit Architecture

• 91 dB SINAD, -100 dBc Total Harmonic Distortion (THD) (up to 35th harmonic), 102 dB Spurious-free

  Dynamic Range (SFDR) for Each Channel

• Programmable Data Rate up to 64 ksps

• Ultra Low-Power Shutdown Mode with <2μA

• -115 dB Crosstalk Between any Two Channels

• Low Drift Internal Voltage Reference: 5 ppm/°C

• Differential Voltage Reference Input Pins

• High Gain PGA on Each Channel (up to 32 V/V)

• Phase Delay Compensation Between Each Pair of Channels with 1μs Time Resolution

• High-Speed Addressable 10 MHz SPI Interface with Mode 0,0 and 1,1 Compatibility

• Independent Analog and Digital Power Supplies 4.5V - 5.5V AVDD, 2.7V - 3.6V DVDD

• Available in Small 28-lead SSOP Package

• Extended Temperature Range: -40°C to +125°C



Applications

• Energy Metering and Power Measurement

• Portable Instrumentation

• Medical and Power Monitoring




Similar Part No. - MCP3903

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3901A0-I/ML MICROCHIP-MCP3901A0-I/ML Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901A0-I/SS MICROCHIP-MCP3901A0-I/SS Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
More results


Similar Description - MCP3903

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
March 1998
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Intersil Corporation
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com