Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3903 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3903 Datasheet HTML 1Page - Microchip Technology MCP3903 Datasheet HTML 2Page - Microchip Technology MCP3903 Datasheet HTML 3Page - Microchip Technology MCP3903 Datasheet HTML 4Page - Microchip Technology MCP3903 Datasheet HTML 5Page - Microchip Technology MCP3903 Datasheet HTML 6Page - Microchip Technology MCP3903 Datasheet HTML 7Page - Microchip Technology MCP3903 Datasheet HTML 8Page - Microchip Technology MCP3903 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 1
MCP3903
Features
• Six Synchronous Sampling 16/24-bit Resolution
Delta-Sigma A/D Converters with Proprietary
Multi-Bit Architecture
• 91 dB SINAD, -100 dBc Total Harmonic Distortion
(THD) (up to 35th harmonic), 102 dB Spurious-free
Dynamic Range (SFDR) for Each Channel
• Programmable Data Rate up to 64 ksps
• Ultra Low-Power Shutdown Mode with <2 μA
• -115 dB Crosstalk Between any Two Channels
• Low Drift Internal Voltage Reference: 5 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on Each Channel (up to 32 V/V)
• Phase Delay Compensation Between Each Pair
of Channels with 1 μs Time Resolution
• High-Speed Addressable 10 MHz SPI Interface
with Mode 0,0 and 1,1 Compatibility
• Independent Analog and Digital Power Supplies
4.5V - 5.5V AVDD, 2.7V - 3.6V DVDD
• Available in Small 28-lead SSOP Package
• Extended Temperature Range: -40°C to +125°C
Applications
• Energy Metering and Power Measurement
• Portable Instrumentation
• Medical and Power Monitoring
Description
The MCP3903 is a six-channel Analog Front End (AFE)
containing three pairs made out of two synchronous
sampling Delta-Sigma Analog-to-Digital Converters
(ADC) with PGA, a phase delay compensation block,
internal voltage reference, and high-speed 10 MHz SPI
compatible serial interface. The converters contain a
proprietary dithering algorithm for reduced idle tones
and improved THD.
The internal register map contains 24-bit wide ADC
data words, a modulator output register as well as six
24-bit writable control registers to program gain,
over-sampling ratio, phase, resolution, dithering,
shut-down, reset and several communication features.
The communication is largely simplified with various
Continuous Read modes that can be accessed by the
Direct Memory Access (DMA) of an MCU and with
separate Data Ready pins that can directly be
connected to the Interrupt Request (IRQ) input of an
MCU. The MCP3903 is capable of interfacing to a large
variety of voltage and current sensors including shunts,
current transformers, Rogowski coils, and Hall-effect
sensors.
Package Type
CS
1
2
3
4
28
27
26
25
24
23
22
21
5
6
7
8
SCK
DVDD
AVDD
CH0+
CH0-
CH1-
CH1+
CH2+
20
9
DRB
OSC1
DRC
OSC2
CH2-
CH3-
RESET
19
10
CH3+
CH4+
SDO
SDI
28-Lead SSOP
18
17
11
12
16
13
REFIN-
DGND
AGND
DRA
CH4-
CH5-
15
14
CH5+
REFIN/OUT+
Six Channel Delta Sigma A/D Converter


Similar Part No. - MCP3903

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3901A0-I/ML MICROCHIP-MCP3901A0-I/ML Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901A0-I/SS MICROCHIP-MCP3901A0-I/SS Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
More results

Similar Description - MCP3903

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
March 1998
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Intersil Corporation
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com