Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3903 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 35Page - Microchip Technology MCP3903 Datasheet HTML 36Page - Microchip Technology MCP3903 Datasheet HTML 37Page - Microchip Technology MCP3903 Datasheet HTML 38Page - Microchip Technology MCP3903 Datasheet HTML 39Page - Microchip Technology MCP3903 Datasheet HTML 40Page - Microchip Technology MCP3903 Datasheet HTML 41Page - Microchip Technology MCP3903 Datasheet HTML 42Page - Microchip Technology MCP3903 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 39
MCP3903
7.2
Mod Register
The MOD register contains the most recent modulator
data output. The default value corresponds to an
equivalent input of 0V on each ADC. Each bit in this
register corresponds to one comparator output on one
of the channels.
This register should be used as a read-only register.
(Note 1)
. This register is updated at the refresh rate of
DMCLK (typically 1 MHz with MCLK = 4 MHz). The
default
state
for
this
register
is
001100110011001100110011.
TABLE 7-4:
MODULATOR OUTPUT
REGISTER
Name
Bits
Address
Cof
MOD
24
0x06
R/W
REGISTER 7-2:
MOD REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH5
COMP2_CH5
COMP1_CH5
COMP0_CH5
COMP3_CH4
COMP2_CH4
COMP1_CH4
COMP0_CH4
bit 23
bit 16
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH3
COMP2_CH3
COMP1_CH3
COMP0_CH3
COMP3_CH2
COMP2_CH2
COMP1_CH2
COMP0_CH2
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH1
COMP2_CH1
COMP1_CH1
COMP0_CH1
COMP3_CH1
COMP2_CH0
COMP1_CH0
COMP0_CH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23:20
COMPn_CH5:
Comparator Outputs from ADC Channel 5
bit 19:16
COMPn_CH4:
Comparator Outputs from ADC Channel 4
bit 15:12
COMPn_CH3:
Comparator Outputs from ADC Channel 3
bit 11:8
COMPn_CH2:
Comparator Outputs from ADC Channel 2
bit 7:4
COMPn_CH1:
Comparator Outputs from ADC Channel 1
bit 3:0
COMPn_CH0:
Comparator Outputs from ADC Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com