Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3903 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3903 Datasheet HTML 1Page - Microchip Technology MCP3903 Datasheet HTML 2Page - Microchip Technology MCP3903 Datasheet HTML 3Page - Microchip Technology MCP3903 Datasheet HTML 4Page - Microchip Technology MCP3903 Datasheet HTML 5Page - Microchip Technology MCP3903 Datasheet HTML 6Page - Microchip Technology MCP3903 Datasheet HTML 7Page - Microchip Technology MCP3903 Datasheet HTML 8Page - Microchip Technology MCP3903 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MCP3903
DS25048B-page 4
© 2011 Microchip Technology Inc.
A011
CHn+-
Analog Input Absolute
Voltage
-1
+1
V
All analog input channels,
measured to AGND
(Note 7)
A012
AIN
Analog Input Leakage
Current
1nA
(Note 4)
A013
(CHn+-
CHn-)
Differential Input Voltage
Range
500 /
GAIN
mVP
(Note 1)
A014
VOS
Offset Error
-3
3
mV
(Note 6)(Note 2)
A015
Offset Error Drift
1
μV/C
From -40°C to 125°C
A016
GE
Gain Error
-3
3
%
All Gains
A017
Gain Error Drift
—
2
—
ppm/°C From -40°C to 125°C
A018
INL
Integral Non-Linearity
15
ppm
GAIN = 1, DITHER = ON
A019
ZIN
Input Impedance
350
—
—
k
Ω
Proportional to 1/AMCLK
A020
SINAD
Signal-to-Noise and
Distortion Ratio
89
91
—
dB
T = 25°C
80
81.5
dB
A021
THD
Total Harmonic Distortion
-100
-97
dB
OSR = 256, DITHER = ON;
(Note 2)(Note 3)
-90
-87
dB
A022
SNR
Signal To Noise Ratio
90
91.5
dB
T = 25°C
80
81.5
dB
A023
SFDR
Spurious Free Dynamic
Range
102
dB
OSR = 256, DITHER = ON;
(Note 2) (Note 3)
91
dB
A024
CTALK
Crosstalk (50 / 60 Hz)
—
-115
—
dB
OSR = 256, DITHER = ON;
(Note 2)(Note 3)
A025
AC PSRR AC Power Supply Rejection
—
-68
—
dB
AVDD = 5V + 1Vpp @ 50 Hz
A026
DC PSRR DC Power Supply Rejection
—
-68
—
dB
AVDD = 4.5 to 5.5V, DVDD =
3.3V
A027
CMRR
DC Common Mode Rejection
Ratio
—-75
—
dB
VCM varies from -1V to +1V;
(Note 2)
Oscillator Input
TABLE 1-1:
ANALOG SPECIFICATIONS TARGET TABLE
(CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = 4.5 to 5.5V, DVDD = 2.7 to
3.6V, Internal VREF, MCLK = 4 MHz;PRESCALE = 1; OSR = 64; fS = 1 MHz; fD = 15.625 ksps; TA = -40°C to +125°C,
GAIN = 1, VIN = 1VPP = 353mVRMS @ 50/60 Hz.
Param.
Num.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
This specification implies that the ADC output is valid over this entire differential range, i.e. there is no distortion or
instability across this input range. Dynamic Performance is specified at -0.5 dB below the maximum signal range,
VIN = -0.5 dBFS @ 50/60 Hz = 333 mVRMS, VREF = 2.4V.
2:
See terminology section for definition.
3:
This parameter is established by characterization and not 100% tested.
4:
For these operating currents, the following configuration bit settings apply: Config Register Settings:
SHUTDOWN<5:0> = 000000, RESET<5:0> = 000000; VREFEXT = 0, CLKEXT = 0.
5:
For these operating currents, the following configuration bit settings apply: Config Register Settings:
SHUTDOWN<5:0> = 111111, VREFEXT = 1, CLKEXT = 1.
6:
Applies to all gains. Offset error is dependant on PGA gain setting.
7:
Outside of this range, ADC accuracy is not specified. An extended input range of +/- 6V can be applied continuously to
the part with no risk for damage.
8:
For proper operation and to keep ADC accuracy, AMCLK should always be in the range of 1 to 5 MHz with BOOST bits
off. With BOOST bits on, AMCLK should be in the range of 1 to 8.192 MHz. AMCLK = MCLK/PRESCALE. When using a
crystal, CLKEXT bit should be equal to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com