Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3903 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 9Page - Microchip Technology MCP3903 Datasheet HTML 10Page - Microchip Technology MCP3903 Datasheet HTML 11Page - Microchip Technology MCP3903 Datasheet HTML 12Page - Microchip Technology MCP3903 Datasheet HTML 13Page - Microchip Technology MCP3903 Datasheet HTML 14Page - Microchip Technology MCP3903 Datasheet HTML 15Page - Microchip Technology MCP3903 Datasheet HTML 16Page - Microchip Technology MCP3903 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
© 2011 Microchip Technology Inc.
DS25048B-page 13
MCP3903
Note:
Unless otherwise indicated, AVDD = 5.0V, DVDD = 3.3 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1; OSR =
64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS @ 60 Hz.
FIGURE 2-25:
Integral Non-Linearity
(Dithering OFF).
FIGURE 2-26:
Integral Non-Linearity
(Dithering ON).
FIGURE 2-27:
Operating Current vs.
Master Clock (MCLK).
40
50
CH0
20
30
40
50
CH0
10
0
10
20
30
40
50
CH0
CH1
30
-20
-10
0
10
20
30
40
50
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
CH0
CH1
40
50
20
30
40
50
CH0
10
0
10
20
30
40
50
CH0
CH1
30
-20
-10
0
10
20
30
40
50
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
CH0
CH1
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.5
-0.25
0
0.25
0.5
Input Voltage (V)
CH0
CH1
8
9
6
7
8
9
AIDD Boost OFF
4
5
6
7
8
9
AIDD Boost OFF
2
3
4
5
6
7
8
9
AIDD Boost OFF
0
1
2
3
4
5
6
7
8
9
AIDD Boost OFF
DIDD
0
1
2
3
4
5
6
7
8
9
1234
MCLK Frequency(MHz)
AIDD Boost OFF
DIDD
0
1
2
3
4
5
6
7
8
9
1234
MCLK Frequency(MHz)
AIDD Boost OFF
DIDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com