Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet (PDF) - Cirrus Logic

CS5451A Datasheet PDF - Cirrus Logic
Part # CS5451A
Download  CS5451A Download
File Size   188.65 Kbytes
Page   14 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER

CS5451A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5451A Datasheet PDF - Cirrus Logic

Part # CS5451A
Download  CS5451A Click to download

File Size   188.65 Kbytes
Page   14 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER

CS5451A Datasheet (HTML) - Cirrus Logic


CS5451A Product details

Description

The CS5451A is a highly integrated delta-sigma (ΔΣ)an alog-to-digital converter (ADC) developed for the power
measurement industry. The CS5451A combines six ΔΣ ADCs, decimation filters, and a serial interface on a single chip. The CS5451A interfaces directly to a current transformer or shunt to measure current, and to a resistive divider or transformer to measure voltage. The product features a serial interface for communication with a microcontroller or DSP.The product is initialized and fully functional upon reset, and includes a voltage reference.



Features

• Synchronous Sampling

• On-chip 1.2 V Reference (25 ppm/°C typ.)

• Power Supply Configurations:

  - VA+ = +3 V; VA- = -2 V; VD+ = +3 V

  - Supply Tolerances: ±10%

• Power Consumption

  - 23 mW Typical at VD+ = +3 V

• Simple Four-wire Serial Interface

• Charge pump driveroutput generates negative power supply.

• Ground-referenced Bipolar Inputs




Similar Part No. - CS5451A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
More results


Similar Description - CS5451A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
Sigma-Delta Stereo Analog-to-Digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
45 MSPS Sigma-Delta Analog-to-Digital Converter
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
Delta-Sigma Digital-to-Analog Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com