Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 5 Page - Cirrus Logic

  CS5451A Datasheet HTML 1Page - Cirrus Logic CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS5451A
DS635PP1
5
2.
CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over all Operating Conditions
•
Typical characteristics and specifications are measured at nominal supply voltages and TA =25 °C.
•
DGND = 0 V. All Voltages with respect to 0V.
ANALOG CHARACTERISTICS
Notes: 1. All “Gain = 20” specifications apply only to the Current Channels. Voltage Channels are set to Gain=1.
2. Effective Input Impedance (EII) varies with clock frequency (XIN) and Input Capacitance (IC)
EII = 1/(IC*XIN/4)
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (All Channels)
Total Harmonic Distortion
THD
74
-
-
dB
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal on Input
VA-
-
VA+
V
Input Sampling Rate
-
XIN/4
-
Hz
Analog Inputs(Note 1)
Differential Input Voltage Range
Gain=20
[(IIN+) - (IIN-)] or [(VIN+) - (VIN-)]
Gain=1
VIN
VIN
-
-
80
1.6
-
-
mVP-P
VP-P
Bipolar Offset
Gain=20
Gain=1
VOS
VOS
-
-
0.500
10
1
20
mV
mV
Crosstalk (Channel-to-Channel)
(50, 60 Hz)
-
-
-120
dB
Input Capacitance
Gain = 20
Gain = 1
IC
IC
-
-
-
-
20
1
pF
pF
Effective Input Impedance
(Note 2)
Gain=20
Gain=1
EII
EII
50
-
-
500
-
600
k
Ω
k
Ω
Noise (Referred to Input)
0-60 Hz
Gain=20
Gain=1
0-1 kHz
Gain=20
Gain=1
0-2 kHz
Gain=20
Gain=1
-
-
-
-
-
-
-
-
-
-
-
-
1
20
2.5
50
3.75
75
µVrms
µVrms
µVrms
µVrms
µVrms
µVrms
Dynamic Characteristics
High Rate Filter Output Word Rate
OWRS = “0”
OWRS = “1”
OWR
OWR
-
-
XIN/2048
XIN/1024
-
-
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com