Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 4 Page - Cirrus Logic

  CS5451A Datasheet HTML 1Page - Cirrus Logic CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS5451A
4
DS635PP1
Measurement and Reference Input
IIN(1-3)+, IIN(1-3)- - Differential Current Inputs
Differential analog input pins for current channels.
VIN(1-3)+, VIN(1-3)- - Differential Voltage Inputs
Differential analog input pins for voltage channels.
VREFOUT - Voltage Reference Output
The on-chip voltage reference is output from this pin. The voltage reference has a nominal magnitude of
1.2 V and is referenced to the AGND pin on the converter.
VREFIN - Voltage Reference Input
The voltage input to this pin establishes the voltage reference for the on-chip modulator.
Power Supply Connections
VA+ - Positive Analog Supply
The positive analog supply is nominally +3V ±10% relative to AGND.
VA- - Negative Analog Supply
The negative analog supply is nominally - 2V ±10% relative to AGND.
AGND - Analog Ground
The analog ground pin for input signals.
VD+ - Positive Digital Supply
The positive digital supply is nominally +3V ±10% relative to DGND.
DGND - Digital Ground
The digital ground is typically at the same level as AGND.
CPD - Charge Pump Drive
This output pin drives the external charge pump circuitry to create a negative supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com