Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5451A Datasheet HTML 1Page - Cirrus Logic CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
Cirrus Logic, Inc. 2003
(All Rights Reserved)
http://www.cirrus.com
CS5451A
Six-Channel Delta-Sigma Analog-to-Digital Converter
Features
Synchronous Sampling
On-chip 1. 2V Reference (25ppm/°C typ)
Power Supply Configurations:
– VA+ = +3 V; VA- = -2 V; VD+ = +3 V
– Supply tolerances ±10%
Power Consumption
– 20 mW Typical at VD+ = +3 V
Simple Four-wire Serial Interface
Charge Pump Driver output generates
negative power supply.
Ground-Referenced Bipolar Inputs
Description
The CS5451A is a highly integrated Delta-Sigma (
∆Σ)
Analog-to-Digital Converter (ADC) developed for the
Power Measurement Industry. The CS5451A combines
six
∆Σ ADCs, decimation filters, and a serial interface on
a single chip. The CS5451A interfaces directly to a cur-
rent transformer or shunt to measure current, and
resistive divider or transformer to measure voltage. The
product features a serial interface for communication
with a micro-controller or DSP. The product is initialized
and fully functional upon reset, and includes a Voltage
Reference.
ORDERING INFORMATION:
CS5451A-IS
-40
°C to +85°C
28-pin SSOP
VREFIN
VREFOUT
IIN1+
IIN1-
VIN1+
VIN1-
VIN2+
VIN2-
VIN3+
VIN3-
IIN2+
IIN2-
IIN3+
IIN3-
VA+
VD+
AGND
SE
FSO
SDO
SCLK
Voltage
Reference
Serial
Interface
RESET
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
x1, 20
x1
4th Order
∆Σ Modulator
x1
x1, 20
x1
x1, 20
x1
4th Order
∆Σ Modulator
4th Order
∆Σ Modulator
4th Order
∆Σ Modulator
4th Order
∆Σ Modulator
4th Order
∆Σ Modulator
GAIN
CPD
OWRS
XIN
DGND
VA-
Clock
Pulse Output
Regulator
OCT ‘03
DS635PP1


Similar Part No. - CS5451A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
Sigma-Delta Stereo Analog-to-Digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
45 MSPS Sigma-Delta Analog-to-Digital Converter
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
Delta-Sigma Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com