Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS5451A
6
DS635PP1
ANALOG CHARACTERISITCS (continued)
Notes: 3. All outputs unloaded. All inputs CMOS level.
4. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 3V, AGND = DGND = 0V, VA- = - 2V
(using charge-pump circuit with CPD). In addition, a 106.0 7mV rms (60 Hz) sinewave is imposed onto
the VA+ and VD+ pins. The “+” and “-” input pins of both input channels are shorted to VA-. 2048
instantaneous digital output data words are collected for the channel under test. The rms value of the
digital sinusoidal output signal is calculated, and this rms value is converted into the rms value of the
sinusoidal voltage (measured in mV) that would need to be applied at the channel’s inputs, in order to
cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB):
DIGITAL CHARACTERISTICS (See Note 5)
Notes: 5. All measurements performed under static conditions.
6. For OWRS and GAIN pins, input leakage current is 30 µA (Max).
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
REFOUT
1.15
-
1.25
V
Temperature Coefficient
-
25
50
ppm/°C
Load Regulation
(Output Current 1
µA Source or Sink)
∆VR
-6
10
mV
Power Supply Rejection
PSRR
60
-
-
dB
Reference Input
Input Voltage Range
VREF+
1.15
1.2
1.25
V
Input Capacitance
-
-
10
pF
Input CVF Current
-
-
1
µA
Power Supplies
Power Supply Currents
IA+
ID+
PSCA
PSCD
-
-
-
-
3
4
mA
mA
Power Consumption
(Note 3)
PC
-
-
27
mW
Power Supply Rejection
(DC)
(see Note 4)
(50, 60 Hz)
PSRR
PSRR
50
60
-
-
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
0.6 VD+
-
VD+
V
Low-Level Input Voltage
VIL
0.0
-
0.8
V
High-Level Output Voltage
Iout = -5.0 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = 5.0 mA
VOL
--
0.4
V
Input Leakage Current
(Note 6)
Iin
-
±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
PSRR
20
106.07
V
eq
----------------



log
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com