Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic CS5451A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CS5451A
DS635PP1
9
3. GENERAL DESCRIPTION
The CS5451A is designed for 3-phase power meter
applications and interfaces to a current transform-
ers or shunt to measure current, and a resistive di-
vider or transformer to measure voltage.
The CS5451A combines six
∆Σ modulators and
decimation filters, three channels assigned for cur-
rent input that have programmable input gain am-
plifiers, and three channels assigned for voltage
input.
The CS5451A includes six decimation filters that
output data at a 2000 Hz or 4000 Hz output word
rate (OWR) when the input frequency at XIN =
4.096 MHz.
The device outputs data on a serial output port.
3.1
Theory of Operation
The CS5451A is designed to operate from a single
+3V supply and provides a 8 0mVP-P and 1. 6VP-P
input range for the current channels and 1.6 VP-P
range for the voltage channels. These voltages rep-
resent the maximum zero-to-peak voltage levels
that can be presented to the inputs. The CS5451A
is designed to accommodate common mode + sig-
nal levels from VA- to VA+. Figure 2 illustrates the
VA +
VD +
VIN 1+, VIN2 +, or VIN 3+
V IN 1 -, VIN2 -, o r V IN3-
IIN1 +, IIN 2 +, o r IIN 3+
IIN 1 -, I IN2 - , o r II N3 -
AG N D
DG N D
RE FIN
RE FO UT
O ption al
Exte rn al
Re fe ren ce
V
PHA S E
+
I
-2 V
PHA S E
VA -
+3 V
1.2 V
NOTE: Current input channels
actually measure voltage.
Figure 2. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com