Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic CS5451A Datasheet HTML 13Page - Cirrus Logic CS5451A Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CS5451A
12
DS635PP1
(50 ppm/°C drift) that can be used by connecting
the VREFOUT pin to the VREFIN pin of the de-
vice. If higher accuracy/stability is required, an ex-
ternal reference can be used.
3.8
Power Supply
The low, stable analog power consumption and su-
perior supply rejection of the CS5451A allow for
the use of a simple charge-pump negative supply
generator. The use of a negative supply alleviates
the need for level shifting of the analog inputs. The
CPD pin and capacitor C1 provide the necessary
analog supply current as shown in Figure 5. The
Schottky diodes D1 and D2 are chosen for their low
forward voltages and high-speed capabilities. The
capacitor C2 provides the required charge storage
and bypassing of the negative supply. The CPD
output signal provides the charge pump driver sig-
nal. The frequency of the charge pump driver sig-
nal is synchronous to XIN. The nominal average
frequency is 1 MHz. The level on the VA- pin is
fed back internally so that the CPD output will reg-
ulate the VA- level to -2/3 of VA+ level.
Note the value of C1 in Figure 5. The 40 nF value
is recommended when the input frequency present-
ed to the XIN pin is 4.00 MHz. If the user decides
to use an XIN frequency that is significantly differ-
ent than 4.00 MHz (if the XIN frequency is in-
creased/decreased by more than 5% of 4.00 MHz,
then it is recommended that the user should alter
the value of C1. The percentage change in the value
of C1 (with respect to a reference value of 40 nF)
should be inversely proportional to the percentage
change in the XIN frequency. For example, if the
XIN frequency is increased from 4.00 MHz to
4.5 MHz, this represents a percentage increase of
12.5%. Therefore, the value of C1 should be re-
duced by 12.5%, making the new value for C1 to be
35 nF. For more information about the operation of
this type of charge pump circuit, the reader can re-
fer to Cirrus Logic, Inc.’s application note AN152:
Using the CS5521/24/28, and CS5525/26 Charge
Pump Drive for External Loads.
3.9
PCB Layout
For optimal performance, the CS5451A should be
placed entirely over an analog ground plane with
both the VA- and DGND pins of the device con-
nected to the analog plane. Place the analog-digital
plane split immediately adjacent to the digital por-
tion of the chip.
Note:
Refer to the CDB5451 Evaluation Board for
suggested layout details and Applications
Note 18 for more detailed layout guidelines.
Before layout, please call for our Free
Schematic Review Service.
AG N D
BA T 8 5
D1
C1
40 n F
C2
CPD
VA -
BAT 8 5
1µ F
D2
Figure 5. Generating VA- with a Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com