Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CS5451A
8
DS635PP1
SWITCHING CHARACTERISTICS
Notes: 10. Device parameters are specified with a 4. 000MHz clock, OWRS = 1.
11. Specified using 10% and 90% points on wave-form of interest. Output loaded wi th 50pF.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 10)
XIN
3
4.000
5
MHz
Master Clock Duty Cycle
-
40
-
60
%
Rise Times
Any Digital Input (Note 11)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
Any Digital Input (Note 11)
Any Digital Output
tfall
-
-
-
50
1.0
-
µs
ns
Serial Port Timing
Serial Clock Frequency
(Note 10)
OWRS = “0”
OWRS = “1”
SCLK
SCLK
-
-
500
1000
-
-
kHz
kHz
Serial Clock
Pulse Width High (Note 10)
Pulse Width Low (Note 10)
t1
t2
-
-
0.5
0.5
-
-
SCLK
SCLK
SCLK falling to New Data Bit
t3
--
50
ns
FSO Falling to SCLK Rising Delay
(Note 10)
t4
-0.5
-
SCLK
FSO Pulse Width
(Note 10)
t5
-1
-
SCLK
SE Rising to Output Enabled
t6
--
50
ns
SE Falling to Output in Tri-state
t7
--
50
ns
SE
6
t
6
t
SD O
SC L K
t
2
t
1
t
3
FS O
4
t
5
t
MSB(V1)
MSB(V1) - 1
LSB(I3)
Figure 1. Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com