Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1040C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM1040C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM1040C
Download  SM1040C Download
File Size   248.21 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers

SM1040C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1040C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM1040C
Download  SM1040C Click to download

File Size   248.21 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers

SM1040C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM1040C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1040C SECOS-SM1040C Datasheet
160Kb / 2P
10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SM1040C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_11 Datasheet
260Kb / 2P
Voltage 40V 10.0 Amp Schottky Barrier Rectifiers
SP10200 SECOS-SP10200_11 Datasheet
253Kb / 2P
Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com