Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1040C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM1040C
Description  Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1040C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1040C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1040C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1020C THUR SM10100C
Voltage 20V~100V
10.0 Amp Schottky Barrier Rectifiers
18-Aug-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case:Molded Plastic
Epoxy:UL 94V-0 Rate Flame Retardant
Metallurgically bonded construction
Polarity:Color Band Denotes Cathode End
Mounting Position: Any
Weight:1.10 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%)
Part Number
Parameter
Symbol
SM1020C
SM1040C
SM1060C
SM10100C
Unit
Peak Repetitive Peak reverse voltage
VRRM
20
40
60
100
Working Peak Reverse Voltage
VRWM
20
40
60
100
Maximum DC Blocking Voltage
VR
20
40
60
100
V
Maximum Average Forward Current, See Fig.
1
IF(AV)
10
Peak Forward Surge Current @ 8.3 ms Half
Sine-Wave superimposed on rated load
(JEDEC method)
IFSM
180
A
Maximum Instantaneous Forward Voltage
VF @ IF =10 A, TA = 25°C
VF
0.56
0.7
0.83
V
TJ = 25°C
0.3
0.2
0.1
Maximum DC Reverse Current
At Rated DC Blocking Voltage
TJ = 100°C
IR
22
15
10
mA
Typical Junction Capacitance
1
CJ
380
pF
Typical Thermal Resistance
RθJC
10
°C / W
Operating Temperature Range
TJ
-50~150
°C
Storage temperature
TSTG
-65~175
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 4.0 V D.C.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.75
3.15
E
-
0.203
B
6.60
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SM1040C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1040C SECOS-SM1040C Datasheet
160Kb / 2P
10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM1040C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_11 Datasheet
260Kb / 2P
Voltage 40V 10.0 Amp Schottky Barrier Rectifiers
SP10200 SECOS-SP10200_11 Datasheet
253Kb / 2P
Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com