Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q67100-Q2001 Datasheet (PDF) - Siemens Semiconductor Group

Q67100-Q2001 Datasheet PDF - Siemens Semiconductor Group
Part # Q67100-Q2001
Download  Q67100-Q2001 Download
File Size   53.12 Kbytes
Page   10 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 32-Bit Dynamic RAM Module

Q67100-Q2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q67100-Q2001 Datasheet PDF - Siemens Semiconductor Group

Part # Q67100-Q2001
Download  Q67100-Q2001 Click to download

File Size   53.12 Kbytes
Page   10 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 32-Bit Dynamic RAM Module

Q67100-Q2001 Datasheet (HTML) - Siemens Semiconductor Group


Q67100-Q2001 Product details

8M × 32-Bit Dynamic RAM Module

The HYM 328020S/GS-50/-60 is a 32 MByte DRAM module organized as 8 388 608 words by 32-bit in a 72-pin single-in-line package comprising sixteen HYB 5117400BJ 4M × 4 DRAMs in 300 mil wide SOJ-packages mounted together with sixteen 0.2 µF ceramic decoupling capacitors on a PC board.

• SIMM modules with 8 388 608 words by 32-bit organization for PC main memory applications
• Fast access and cycle time
   50 ns access time
   90 ns cycle time (-50 version)
   60 ns access time
   110 ns cycle time (-60 version)
• Fast page mode capability
   35 ns cycle time (-50 version)
   40 ns cycle time (-60 version)
• Single + 5 V (± 10 %) supply
• Low power dissipation
   max. 5280 mW active (-50 version)
   max. 4840 mW active (-60 version)
   CMOS – 88 mW standby
   TTL –176 mW standby
• CAS-before-RAS refresh
   RAS-only-refresh
   Hidden-refresh
• 16 decoupling capacitors mounted on substrate
• All inputs, outputs and clocks fully TTL compatible
• 72 pin Single in-Line Memory Module (L-SIM-72) with 25.40 mm height
• Utilizes sixteen 4Mx4-DRAMs in SOJ packages
• 2048 refresh cycles / 32 ms
• Optimized for use in byte-write non-parity applications
• Tin-Lead contact pads (S- version)
• Gold contact pads (GS -version)




Similar Part No. - Q67100-Q2001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2002 SIEMENS-Q67100-Q2002 Datasheet
82Kb / 11P
1M x 64-Bit Dynamic RAM Module
Q67100-Q2003 SIEMENS-Q67100-Q2003 Datasheet
82Kb / 11P
1M x 64-Bit Dynamic RAM Module
Q67100-Q2004 SIEMENS-Q67100-Q2004 Datasheet
83Kb / 11P
1M x 72-Bit Dynamic RAM Module
Q67100-Q2005 SIEMENS-Q67100-Q2005 Datasheet
59Kb / 10P
4M x 32-Bit Dynamic RAM Module
Q67100-Q2005 SIEMENS-Q67100-Q2005 Datasheet
124Kb / 9P
4M x 32-Bit Dynamic RAM Module
More results


Similar Description - Q67100-Q2001

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
8M x 8-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
1M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
2M x 32-Bit Dynamic RAM Module
HYM328000GD- SIEMENS-HYM328000GD- Datasheet
31Kb / 8P
8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM328020GD-50 SIEMENS-HYM328020GD-50 Datasheet
28Kb / 6P
8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
8M x 36-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
8M x 72-Bit Dynamic RAM Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com