Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q67100-Q2001 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q2001
Description  8M x 32-Bit Dynamic RAM Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2001 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q2001 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Semiconductor Group
5
HYM 328020S/GS-50/-60
8M
× 32-Bit
Absolute Maximum Ratings
Operation temperature range .........................................................................................
0 to + 70 °C
Storage temperature range.........................................................................................
– 55 to 125 °C
Input/output voltage ............................................................................ –0.5V to min (Vcc+0.5, 7.0) V
Power supply voltage......................................................................................................
– 1 to +7V
Power dissipation...................................................................................................................
6.72 W
Data out current (short circuit) ................................................................................................50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.4
Vcc+0.5
V
1)
Input low voltage
V
IL
– 0.5
0.8
V
1)
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
–
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
–
0.4
V
1)
Input leakage current
(0 V
≤ V
IH ≤ Vcc + 0.3V, all other pins = 0 V)
I
I(L)
– 20
20
µA
1)
Output leakage current
(DO is disabled, 0 V
≤ V
OUT ≤ Vcc + 0.3V)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current:
-50 ns version
-60 ns version
(RAS, CAS, address cycling: t
RC = tRC min.)
I
CC1
–
–
960
880
mA
mA
2) 3) 4)
2) 3) 4)
Standby
V
CC supply current
(RAS = CAS =
V
IH)
I
CC2
–32
mA
–
Average
V
CC supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
(RAS cycling, CAS =
V
I,H, tRC = tRC min.)
I
CC3
–
–
960
880
mA
mA
2) 4)
2) 4)
Average
V
CC supply current,
during fast page mode:
-50 ns version
-60 ns version
(RAS =
V
IL, CAS, address cycling:tPC = tPC min.)
I
CC4
–
–
320
280
mA
mA
2) 3) 4)
2) 3) 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com