Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q67100-Q2001 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67100-Q2001
Description  8M x 32-Bit Dynamic RAM Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2001 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67100-Q2001 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Semiconductor Group
7
HYM 328020S/GS-50/-60
8M
× 32-Bit
AC Characteristics 5)6)
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.
common parameters
Random read or write cycle time
t
RC
90
–
110
–
ns
RAS precharge time
t
RP
30
–
40
–
ns
RAS pulse width
t
RAS
50
10k
60
10k
ns
CAS pulse width
t
CAS
13
10k
15
10k
ns
Row address setup time
t
ASR
0–
0–ns
Row address hold time
tRAH
8–
10
–ns
Column address setup time
tASC
0–
0–ns
Column address hold time
tCAH
10
–
15
–
ns
RAS to CAS delay time
tRCD
18
37
20
45
RAS to column address delay time
tRAD
13
25
15
30
ns
RAS hold time
tRSH
13
15
–
ns
CAS hold time
tCSH
50
60
–
ns
CAS to RAS precharge time
tCRP
5–
5–ns
Transition time (rise and fall)
tT
3
50
3
50
ns
7
Refresh period
tREF
–32
–
32
ms
Read Cycle
Access time from RAS
t
RAC
–
50
–
60
ns
8, 9
Access time from CAS
t
CAC
–
13
–
15
ns
8, 9
Access time from column address
t
AA
–
25
–
30
ns
8,10
Column address to RAS lead time
t
RAL
25
–
30
–
ns
Read command setup time
t
RCS
0–
0–ns
Read command hold time
t
RCH
0–
0–ns
11
Read command hold time referenced to
RAS
tRRH
0–
0–ns
11
CAS to output in low-Z
t
CLZ
0–
0–ns
8
Output buffer turn-off delay
t
OFF
0
13
0
15
ns
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com