Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q67100-Q2001 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-Q2001
Description  8M x 32-Bit Dynamic RAM Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2001 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67100-Q2001 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Semiconductor Group
6
HYM 328020S/GS-50/-60
8M
× 32-Bit
Capacitance
T
A = 0 to 70 °C, VCC = 5 V ± 10 %, f = 1 MHz
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–16
mA
1)
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
–
–
960
880
mA
mA
2) 4)
2) 4)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A10,WE)
C
I1
–
120
pF
Input capacitance (RAS0 - RAS3)
C
I2
–45
pF
Input capacitance (CAS0 - CAS3)
C
I3
–40
pF
I/O capacitance
(DQ0-DQ31)
C
IO
–25
pF
DC Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com