Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q67100-Q2001 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67100-Q2001
Description  8M x 32-Bit Dynamic RAM Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2001 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67100-Q2001 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q2001 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Semiconductor Group
8
HYM 328020S/GS-50/-60
8M
× 32-Bit
Early Write Cycle
Write command hold time
t
WCH
8–
10
–ns
Write command pulse width
t
WP
8–
10
–ns
Write command setup time
t
WCS
0–
0–ns
13
Write command to RAS lead time
t
RWL
13
–
15
–
ns
Write command to CAS lead time
t
CWL
13
–
15
–
ns
Data setup time
tDS
0–
0–ns
14
Data hold time
tDH
10
–
10
–
ns
14
Fast Page Mode Cycle
Fast page mode cycle time
tPC
35
–
40
–
ns
CAS precharge time
tCP
10
–
10
–
ns
Access time from CAS precharge
tCPA
–
30
–
35
ns
7
RAS pulse width
tRAS
50
200k
60
200k
ns
CAS precharge to RAS Delay
tRHCP
30
–
35
–
ns
CAS-before-RAS Refresh Cycle
CAS setup time
t
CSR
10
–
10
–
ns
CAS hold time
t
CHR
10
–
10
–
ns
RAS to CAS precharge time
t
RPC
5–
5–ns
Write to RAS precharge time
t
WRP
10
–
10
–
ns
Write hold time referenced to RAS
t
WRH
10
–
10
–
ns
AC Characteristics (cont’d)
5)6)
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com