Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet (PDF) - Analog Devices

AD9826 Datasheet PDF - Analog Devices
Part # AD9826
Download  AD9826 Download
File Size   159.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 16-Bit Imaging Signal Processor

AD9826 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9826 Datasheet PDF - Analog Devices

Part # AD9826
Download  AD9826 Click to download

File Size   159.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 16-Bit Imaging Signal Processor

AD9826 Datasheet (HTML) - Analog Devices


AD9826 Product details

PRODUCT DESCRIPTION

The AD9826 is a complete analog signal processor for imaging applications. It features a 3-channel architecture designed to sample and condition the outputs of trilinear color CCD arrays.

Each channel consists of an input clamp, Correlated Double Sampler (CDS), offset DAC, and Programmable Gain Amplifier (PGA), multiplexed to a high-performance 16-bit A/D converter.

The AD9826 can operate at speeds greater than 15 MSPS with reduced performance. The CDS amplifiers may be disabled for use with sensors that do not require CDS, such as Contact Image Sensors (CIS), CMOS active pixel sensors, and Focal Plane Arrays.



FEATURES

16-Bit 15 MSPS A/D Converter

3-Channel 16-Bit Operation up to 15 MSPS

1-Channel 16-Bit Operation up to 12.5 MSPS

2-Channel Mode for Mono Sensors with Odd/Even Outputs

Correlated Double Sampling

1~6Programmable Gain

300 mV Programmable Offset

Input Clamp Circuitry

Internal Voltage Reference

Multiplexed Byte-Wide Output

Optional Single Byte Output Mode

3-Wire Serial Digital Interface

3 V/5 V Digital I/O Compatibility

28-Lead SSOP Package

Low Power CMOS: 400 mW (Typ)

Power-Down Mode Available



APPLICATIONS

Flatbed Document Scanners

Digital Copier

Multifunction Peripherals

Infrared Imaging Applications

Machine Vision




Similar Part No. - AD9826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826KRSZ AD-AD9826KRSZ Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9826KRSZRL AD-AD9826KRSZRL Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
More results


Similar Description - AD9826

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
Imaging/Signal Processor
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Analog Devices
AD80066 AD-AD80066 Datasheet
427Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
4/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com