Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 2 Page - Analog Devices

  AD9826 Datasheet HTML 1Page - Analog Devices AD9826 Datasheet HTML 2Page - Analog Devices AD9826 Datasheet HTML 3Page - Analog Devices AD9826 Datasheet HTML 4Page - Analog Devices AD9826 Datasheet HTML 5Page - Analog Devices AD9826 Datasheet HTML 6Page - Analog Devices AD9826 Datasheet HTML 7Page - Analog Devices AD9826 Datasheet HTML 8Page - Analog Devices AD9826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. A
AD9826–SPECIFICATIONS
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
MAXIMUM CONVERSION RATE
3-Channel Mode with CDS
30
MSPS
2-Channel Mode with CDS
30
MSPS
1-Channel Mode with CDS
18
MSPS
ACCURACY (ENTIRE SIGNAL PATH)
ADC Resolution
16
Bits
Integral Nonlinearity (INL)
±16
LSB
Differential Nonlinearity (DNL)
±0.5
LSB
No Missing Codes
Guaranteed
ANALOG INPUTS
Input Signal Range (Programmable)
1
2.0/4.0
V p-p
Allowable Reset Transient
1
1.0
V
Input Limits
2
AVSS – 0.3
AVDD + 0.3
V
Input Capacitance
10
pF
Input Bias Current
10
nA
AMPLIFIERS
PGA Gain
1
6
V/V
PGA Gain Resolution
2
64
Steps
PGA Gain Monotonicity
Guaranteed
Programmable Offset
–300
+300
mV
Programmable Offset Resolution
512
Steps
Programmable Offset Monotonicity
Guaranteed
NOISE AND CROSSTALK
Total Output Noise @ PGA Minimum
3.0
LSB rms
Total Output Noise @ PGA Maximum
9.0
LSB rms
Channel-to-Channel Crosstalk
@ 15 MSPS
70
dB
@ 6 MSPS
90
dB
POWER SUPPLY REJECTION
AVDD = 5 V
0.25 V
0.1
% FSR
DIFFERENTIAL VREF (at 25
°C)
CAPT–CAPB
2.0
V
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–65
+150
°C
POWER SUPPLIES
AVDD
4.75
5.0
5.25
V
DRVDD
3.0
5.0
5.25
V
OPERATING CURRENT
AVDD
75
mA
DRVDD
5
mA
Power-Down Mode
200
µA
POWER DISSIPATION
3-Channel Mode
400
mW
1-Channel Mode
300
mW
NOTES
1Linear Input Signal Range is from 0 V to 4 V when the CCD’s reference level is clamped to 4 V by the AD9826’s input clamp.
4V SET BY INPUT CLAMP
(3V OPTION ALSO AVAILABLE)
1V TYP
RESET TRANSIENT
4V p-p MAX INPUT SIGNAL RANGE
GND
2The PGA Gain is approximately “linear in dB” and follows the equation: Gain =
6.0
1 + 5.0
63 – G
63
where G is the register value.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V, CDS Mode, fADCCLK = 15 MHz, fCDSCLK1 = fCDSCLK2 = 5 MHz, PGA
Gain = 1, Input range = 4 V p-p, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com