Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 1 Page - Analog Devices

  AD9826 Datasheet HTML 1Page - Analog Devices AD9826 Datasheet HTML 2Page - Analog Devices AD9826 Datasheet HTML 3Page - Analog Devices AD9826 Datasheet HTML 4Page - Analog Devices AD9826 Datasheet HTML 5Page - Analog Devices AD9826 Datasheet HTML 6Page - Analog Devices AD9826 Datasheet HTML 7Page - Analog Devices AD9826 Datasheet HTML 8Page - Analog Devices AD9826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9826
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Complete 16-Bit Imaging
Signal Processor
FUNCTIONAL BLOCK DIAGRAM
OEB
DOUT
SCLK
SLOAD
SDATA
ADCCLK
CDSCLK2
CDSCLK1
OFFSET
VINB
VING
VINR
AVDD
AVSS
CML
CAPT
AVDD
AVSS
BANDGAP
REFERENCE
AD9826
DRVDD
DRVSS
GAIN
REGISTERS
OFFSET
REGISTERS
3:1
MUX
16:8
MUX
16-BIT
ADC
DIGITAL
CONTROL
INTERFACE
CONFIGURATION
REGISTER
RED
GREEN
BLUE
MUX
REGISTER
8
16
RED
GREEN
BLUE
PGA
6
9
PGA
PGA
CDS
9-BIT
DAC
CDS
9-BIT
DAC
CDS
9-BIT
DAC
INPUT
CLAMP
BIAS
CAPB
FEATURES
16-Bit 15 MSPS A/D Converter
3-Channel 16-Bit Operation up to 15 MSPS
1-Channel 16-Bit Operation up to 12.5 MSPS
2-Channel Mode for Mono Sensors with Odd/Even Outputs
Correlated Double Sampling
1~6
Programmable Gain
300 mV Programmable Offset
Input Clamp Circuitry
Internal Voltage Reference
Multiplexed Byte-Wide Output
Optional Single Byte Output Mode
3-Wire Serial Digital Interface
3 V/5 V Digital I/O Compatibility
28-Lead SSOP Package
Low Power CMOS: 400 mW (Typ)
Power-Down Mode Available
APPLICATIONS
Flatbed Document Scanners
Digital Copier
Multifunction Peripherals
Infrared Imaging Applications
Machine Vision
PRODUCT DESCRIPTION
The AD9826 is a complete analog signal processor for imaging
applications. It features a 3-channel architecture designed to
sample and condition the outputs of trilinear color CCD arrays.
Each channel consists of an input clamp, Correlated Double
Sampler (CDS), offset DAC, and Programmable Gain Amplifier
(PGA), multiplexed to a high-performance 16-bit A/D converter.
The AD9826 can operate at speeds greater than 15 MSPS with
reduced performance.
The CDS amplifiers may be disabled for use with sensors that
do not require CDS, such as Contact Image Sensors (CIS),
CMOS active pixel sensors, and Focal Plane Arrays.
The 16-bit digital output is multiplexed into an 8-bit output word,
which is accessed using two read cycles. There is an optional
single byte output mode. The internal registers are programmed
through a 3-wire serial interface, and provide adjustment of
the gain, offset, and operating mode.
The AD9826 operates from a single 5 V power supply, typically
consumes 400 mW of power, and is packaged in a 28-lead SSOP.


Similar Part No. - AD9826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826KRSZ AD-AD9826KRSZ Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9826KRSZRL AD-AD9826KRSZRL Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
More results

Similar Description - AD9826

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
Imaging/Signal Processor
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Analog Devices
AD80066 AD-AD80066 Datasheet
427Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
4/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com