Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9826 Datasheet HTML 9Page - Analog Devices AD9826 Datasheet HTML 10Page - Analog Devices AD9826 Datasheet HTML 11Page - Analog Devices AD9826 Datasheet HTML 12Page - Analog Devices AD9826 Datasheet HTML 13Page - Analog Devices AD9826 Datasheet HTML 14Page - Analog Devices AD9826 Datasheet HTML 15Page - Analog Devices AD9826 Datasheet HTML 16Page - Analog Devices AD9826 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9826
–13–
REV. A
FUNCTIONAL DESCRIPTION
The AD9826 can be operated in six different modes: 3-Channel
CDS Mode, 3-Channel SHA Mode, 2-Channel CDS Mode,
2-Channel SHA Mode, 1-Channel CDS Mode, and 1-Channel
SHA Mode. Each mode is selected by programming the Configura-
tion Registers through the serial interface. For more detail on
CDS or SHA mode operation, see the Circuit Operation section.
3-Channel CDS Mode
In 3-Channel CDS Mode, the AD9826 simultaneously samples
the Red, Green, and Blue input voltages from the CCD outputs.
The sampling points for each Correlated Double Sampler (CDS)
are controlled by CDSCLK1 and CDSCLK2 (see Figures 11
and 13). CDSCLK1’s falling edge samples the reference level of
the CCD waveform. CDSCLK2’s falling edge samples the data
level of the CCD waveform. Each CDS amplifier outputs the
difference between the CCD’s reference and data levels. Next,
the output voltage of each CDS amplifier is level-shifted by an
Offset DAC. The voltages are then scaled by the three Program-
mable Gain Amplifiers before being multiplexed through the
16-Bit ADC. The ADC sequentially samples the PGA outputs
on the falling edges of ADCCLK.
The offset and gain values for the Red, Green, and Blue chan-
nels are programmed using the serial interface. The order in
which the channels are switched through the multiplexer is
selected by programming the MUX Configuration register.
Timing for this mode is shown in Figure 1. It is recommended
that the falling edge of CDSCLK2 occur before the rising edge
of ADCCLK, although this is not required to satisfy the mini-
mum timing constraints. The rising edge of CDSCLK2 should
not occur before the previous falling edge of ADCCLK, as
shown by tADC2. The output data latency is three clock cycles.
3-Channel SHA Mode
In 3-Channel SHA Mode, the AD9826 simultaneously samples
the Red, Green, and Blue input voltages. The sampling point is
controlled by CDSCLK2. CDSCLK2’s falling edge samples the
input waveforms on each channel. The output voltages from the
three SHAs are modified by the offset DACs and then scaled by
the three PGAs. The outputs of the PGAs are then multiplexed
through the 16-bit ADC. The ADC sequentially samples the
PGA outputs on the falling edges of ADCCLK.
The input signal is sampled with respect to the voltage applied
to the OFFSET pin (see Figure 14). With the OFFSET pin
grounded, a zero volt input corresponds to the ADC’s zero scale
output. The OFFSET pin may also be used as a coarse offset
adjust pin. A voltage applied to this pin will be subtracted from
the voltages applied to the Red, Green, and Blue inputs in the first
amplifier stage of the AD9826. The input clamp is disabled in this
mode. For more information, see the Circuit Operation section.
Timing for this mode is shown in Figure 5. CDSCLK1 should
be grounded in this mode. Although it is not required, it is recom-
mended that the falling edge of CDSCLK2 occur before the
rising edge of ADCCLK. The rising edge of CDSCLK2 should
not occur before the previous falling edge of ADCCLK, as shown
by tADC2. The output data latency is three ADCCLK cycles.
The offset and gain values for the Red, Green, and Blue chan-
nels are programmed using the serial interface. The order in
which the channels are switched through the multiplexer is
selected by programming the MUX Configuration register.
2-Channel CDS Mode
The 2-Channel Mode is selected by writing a “1” into two of the
channel select bits of the MUX register (D4–D6). Bit D5 of the
configuration register also needs to be set low to take the part out
of 3-Channel Mode. The channels that will be used is determined
by the contents of Bits D4–D6 of the MUX Configuration Reg-
ister (see Table III). The combination of inputs that can be
selected are; RG, RB, or GB by writing a “1” into the appropri-
ate bit. The sample order is selected by Bit D7. If D7 is high,
the MUX will sample in the following order: RG or RB or GB
depending on which channels are turned on. If Bit D7 is set low
the mux will sample in the following order: GR or BR or BG
depending on which channels are turned on.
The AD9826 simultaneously samples the selected channels’
input voltages from the CCD outputs. The sampling points
for each Correlated Double Sampler (CDS) are controlled by
CDSCLK1 and CDSCLK2 (see Figure 11). CDSCLK1’s fall-
ing edge samples the reference level of the CCD waveform.
CDSCLK2’s falling edge samples the data level of the CCD
waveform. Each CDS amplifier outputs the difference between
the CCD’s reference and data levels. Next, the output voltage of
each CDS amplifier is level-shifted by an Offset DAC. The volt-
ages are then scaled by the two Programmable Gain Amplifiers
before being multiplexed through the 16-bit ADC. The ADC
sequentially samples the PGA outputs on the falling edges of
ADCCLK.
The offset and gain values for the Red, Green, and Blue chan-
nels are programmed using the serial interface. The order in
which the channels are switched through the multiplexer is
selected by programming the MUX Configuration Register.
Timing for this mode is shown in Figure 3. The rising edge of
CDSCLK2 should not occur before the previous falling edge of
ADCCLK, as shown by tADC2. The output data latency is three
clock cycles.
2-Channel SHA Mode
The 2-Channel Mode is selected by writing a “1” into two of the
channel select bits of the MUX Register (D4–D6). Bit D5 of the
configuration register also needs to be set low to take the part
out of 3-Channel Mode. The channels that will be used is deter-
mined by the contents of Bits D4–D6 of the MUX Configuration
Register (see Table III ). The combination of inputs that can be
selected are; RG, RB, or GB by writing a “1” into the appropri-
ate bit. The sample order is selected by Bit D7. If D7 is high,
the mux will sample in the following order: RG or RB or GB,
depending on which channels are turned on. If Bit D7 is set low,
the mux will sample in the following order: GR or BR or BG,
depending on which channels are turned on.
In 2-Channel SHA Mode, the AD9826 simultaneously samples
the selected channels’ input voltages. The sampling point is
controlled by CDSCLK2. CDSCLK2’s falling edge samples the
input waveforms on each channel. The output voltages from the
two SHAs are modified by the offset DACs and then scaled by
the two PGAs. The outputs of the PGAs are then multiplexed
through the 16-bit ADC. The ADC sequentially samples the PGA
outputs on the falling edges of ADCCLK.
The input signal is sampled with respect to the voltage applied
to the OFFSET pin (see Figure 14). With the OFFSET pin
grounded, a zero volt input corresponds to the ADC’s zero scale
output. The OFFSET pin may also be used as a coarse offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com