Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 4 Page - Analog Devices

  AD9826 Datasheet HTML 1Page - Analog Devices AD9826 Datasheet HTML 2Page - Analog Devices AD9826 Datasheet HTML 3Page - Analog Devices AD9826 Datasheet HTML 4Page - Analog Devices AD9826 Datasheet HTML 5Page - Analog Devices AD9826 Datasheet HTML 6Page - Analog Devices AD9826 Datasheet HTML 7Page - Analog Devices AD9826 Datasheet HTML 8Page - Analog Devices AD9826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9826
–4–
REV. A
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9826KRS
–40
°C to +85°C
5.3 mm SSOP
RS-28
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 5.3 mm SSOP
θ
JA = 109
°C/W
θ
JC = 39°C/W
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
To
Min
Max
Unit
VIN, CAPT, CAPB
AVSS
–0.3
AVDD + 0.3
V
Digital Inputs
AVSS
–0.3
AVDD + 0.3
V
AVDD
AVSS
–0.5
+6.5
V
DRVDD
DRVSS
–0.5
+6.5
V
AVSS
DRVSS
–0.3
+0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
300
°C
(10 sec)
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9826 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com