Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9826 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9826 Datasheet HTML 2Page - Analog Devices AD9826 Datasheet HTML 3Page - Analog Devices AD9826 Datasheet HTML 4Page - Analog Devices AD9826 Datasheet HTML 5Page - Analog Devices AD9826 Datasheet HTML 6Page - Analog Devices AD9826 Datasheet HTML 7Page - Analog Devices AD9826 Datasheet HTML 8Page - Analog Devices AD9826 Datasheet HTML 9Page - Analog Devices AD9826 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9826
–6–
REV. A
DEFINITIONS OF SPECIFICATIONS
INTEGRAL NONLINEARITY (INL)
Integral nonlinearity error refers to the deviation of each individual
code from a line drawn from “zero scale” through “positive full
scale.” The point used as “zero scale” occurs 1/2 LSB before the
first code transition. “Positive full scale” is defined as a level
1 1/2 LSB beyond the last code transition. The deviation is
measured from the middle of each particular code to the true
straight line.
DIFFERENTIAL NONLINEARITY (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus every
code must have a finite width. No missing codes guaranteed
to 16-bit resolution indicates that all 65536 codes, respec-
tively, must be present over all operating ranges.
OFFSET ERROR
The first ADC code transition should occur at a level 1/2 LSB
above the nominal zero scale voltage. The offset error is the
deviation of the actual first code transition level from the
ideal level.
GAIN ERROR
The last code transition should occur for an analog value
1 1/2 LSB below the nominal full scale voltage. Gain error is
the deviation of the actual difference between first and last
code transitions and the ideal difference between the first and
last code transitions.
INPUT REFERRED NOISE
The rms output noise is measured using histogram techniques.
The ADC output codes’ standard deviation is calculated in
LSB, and can be converted to an equivalent voltage, using the
relationship 1 LSB = 4 V/65536 = 61
µV. The noise may then
be referred to the input of the AD9826 by dividing by the
PGA gain.
CHANNEL-TO-CHANNEL CROSSTALK
In an ideal 3-channel system, the signal in one channel will not
influence the signal level of another channel. The channel-to-
channel crosstalk specification is a measure of the change that
occurs in one channel as the other two channels are varied. In
the AD9826, one channel is grounded and the other two chan-
nels are exercised with full scale input signals. The change in the
output codes from the first channel is measured and compared
with the result when all three channels are grounded. The differ-
ence is the channel-to-channel crosstalk, stated in LSB.
APERTURE DELAY
The aperture delay is the time delay that occurs from when a
sampling edge is applied to the AD9826 until the actual sample
of the input signal is held. Both CDSCLK1 and CDSCLK2
sample the input signal during the transition from high to low,
so the aperture delay is measured from each clock’s falling edge
to the instant the actual internal sample is taken.
POWER SUPPLY REJECTION
Power supply rejection specifies the maximum full-scale change
that occurs from the initial value when the supplies are varied
over the specified limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com