Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9307 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9307 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9307
Download  PE9307 Download
File Size   247.57 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Male to N Female Right Angle Adapter

PE9307 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9307 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9307
Download  PE9307 Click to download

File Size   247.57 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Male to N Female Right Angle Adapter

PE9307 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9307 Product details

Description
Pasternack’s PE9307 75 ohm type N male to type N female right angle adapter is part of our full line of RF components available for same-day shipping. PE9307 type N male to type N female adapter operates to 1.5 GHz. This low profile right angle type N adapter allows for easier connections in tight spaces.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/ disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.

Configuration
• N Male Connector 1
• N Female Connector 2
• 75 Ohms
• Right Angle Body Geometry

Features
• Typical VSWR of 1.3:1 up to 1.5 GHz
• Gold Plated Brass Contact
• 3 µ-in min Gold Contact Plating

Applications
• General Purpose Test




Similar Part No. - PE9307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9300 PASTERNACK-PE9300 Datasheet
251Kb / 3P
C Male to C Male Adapter
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
228Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Pasternack Enterprises,...
PE9301 PASTERNACK-PE9301 Datasheet
110Kb / 1P
GR874 TO C FEMALE
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Similar Description - PE9307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9308 PASTERNACK-PE9308 Datasheet
251Kb / 2P
75 Ohm N Male to N Male Adapter
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
75 Ohm N Male to BNC Female Adapter
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
75 Ohm N Female to F Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
75 Ohm N Female to N Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com