Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2502G Datasheet (PDF) - Agere Systems

D2502G Datasheet PDF - Agere Systems
Part # D2502G
Download  D2502G Download
File Size   267.51 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1.5 m m D2500-Type Digital Isolated DFB Laser Module

D2502G Datasheet (PDF)

Go To PDF Page Download Datasheet
D2502G Datasheet PDF - Agere Systems

Part # D2502G
Download  D2502G Click to download

File Size   267.51 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1.5 m m D2500-Type Digital Isolated DFB Laser Module

D2502G Datasheet (HTML) - Agere Systems


D2502G Product details

Description
The D2500-Type Digital Isolated DFB Laser Module  contains an internally cooled, InGaAsP, MQW, distributed-feedback (DFB) laser designed for 1.5 µm applications. The laser is designed to be used in OC-12/ STM-4 (622 Mbits/s) and OC-48/STM-16 (2.488 Gbits/ s) for long-reach and extended-reach applications. It is  also capable of low dispersion penalties (<2 dB) for use  with fiber spans exceeding 170 km (3000 ps/nm).

Features
■ Integrated optical isolator
■ SONET/SDH compatible up to OC-48/STM-16
■ High-performance, multiquantum-well (MQW), distributed-feedback (DFB) laser
■ Low dispersion penalty for long-reach and  extended-reach applications
■ Industry-standard, 14-pin butterfly package
■ Characterized at 2.488 Gbits/s (NRZ)
■ Wide operating case temperature range of  –40 °C to +70 °C
■ InGaAs, PIN photodetector back-facet monitor
■ Low threshold current
■ High reliability
■ High optical power available
■ Qualified to meet the intent of Telcordia Technologies * 468

Applications
■ Telecommunications:
    — SONET/SDH
    — Long reach
    — Interexchange
■ Digital video




Similar Part No. - D2502G

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
D250-50632 JAE-D250-50632 Datasheet
1Mb / 13P
UL Recognized Product
D250-50632 JAE-D250-50632 Datasheet
59Kb / 3P
High-current connector DW1 Series, Shoulder bolt for panel attachment
D250-50717 JAE-D250-50717 Datasheet
99Kb / 2P
Waterproof Cable to Cable Connector, for HB01 Series, Shoulder Bolt
logo
3M Electronics
D2500 3M-D2500 Datasheet
1Mb / 6P
3M™ Four‑Wall Header
13-Jun-2012
logo
RFE international
D25005L RFE-D25005L Datasheet
569Kb / 3P
Bridge Rectifiers
19-APR-2023
More results


Similar Description - D2502G

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
1.3 關m Coaxial DFB Laser Module
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
1.55 關m Coaxial DFB Laser Module
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
January 1999
D2300 AGERE-D2300 Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
D371 AGERE-D371 Datasheet
54Kb / 8P
D371-Type Digital Uncooled DFB Laser Module
January 1999
D571 AGERE-D571 Datasheet
200Kb / 8P
D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
April 2000
D572 AGERE-D572 Datasheet
370Kb / 8P
D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
February 2000
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Roithner LaserTechnik G...
DFB-2004-3 ROITHNER-DFB-2004-3 Datasheet
239Kb / 3P
2.0 關m DFB laser diodes
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com