Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet (PDF) - A1 PROs co., Ltd.

AI7152S Datasheet PDF - A1 PROs co., Ltd.
Part # AI7152S
Download  AI7152S Download
File Size   397.69 Kbytes
Page   41 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description a high performance CCD image signal processor for color video camera. It includes MCU, timing generator

AI7152S Datasheet (PDF)

Go To PDF Page Download Datasheet
AI7152S Datasheet PDF - A1 PROs co., Ltd.

Part # AI7152S
Download  AI7152S Click to download

File Size   397.69 Kbytes
Page   41 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description a high performance CCD image signal processor for color video camera. It includes MCU, timing generator

AI7152S Datasheet (HTML) - A1 PROs co., Ltd.


AI7152S Product details

GENERAL DESCRIPTION

The Ai7152S is a high performance CCD image signal processor for color video camera. It includes MCU, timing generator, 2 channel 10bit digital to analog converter and all other functions for camera system. Supports 250K/380K NTSC system CCD sensors and 290K/410K PAL system CCD sensors with complementary color filter. It also provided programmable OSD function for convenient camera setup. DNR function provide clean image even in low light condition.



FEATURES

• Support Ye, Cyan, Magenta, Green complementary color filter CCD sensors for

   NTSC : Ai338, Ai325CA, ICX632, ICX638, RJ2315, RJ2355

   PAL : Ai339, Ai329CA , ICX633, ICX639, RJ2325, RJ2365

• Support external EEPROM to store parameter.

• Video Adjustment ( brightness, contrast, sharpness, saturation, gamma, hue )

• Built-in auto white balance control.

• Color rolling, breathing compensation

• Built-in auto exposure control.

• Built-in Motion Detection

• Built-in Privacy Mask Function

• 2x, 4x Digital Zoom Function

• Built-in Digital Noise Reduction.

• Built-in 2-channel 10bit digital to analog converter.

• Built-in mirror function.

• Built-in blemish compensation circuit storing the data in EEPROM.

• Support composite / YC separate analog video output and BT.656 digital output.

• Built-in timing generator for vertical driver and CDS/AGC/ADC peripheral chips.

• Support line lock function.

• Single 3.3V power supply. ( Horizontal drive pins can be 3.3V/5V )

• LQFP-80. ( 0.4mm pin pitch )

• Support user Definable GPIO.

• Programmable CCD Timing Driving Current.

• Programmable pull-up GPIO pin



 





Similar Description - AI7152S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
CCD Camera Timing Generator
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
A1 PROs co., Ltd.
AI5152 A1PROS-AI5152 Datasheet
136Kb / 7P
a high performance CCD image signal processor forcolor video camera. It includes MCU, timing generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com