Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI7152S
Description  a high performance CCD image signal processor for color video camera. It includes MCU, timing generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI7152S Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI7152S Datasheet HTML 1Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 2Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 3Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 4Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 5Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 6Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 7Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 8Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
Ai7152S
A1 PROs Co., Ltd.
Professional Promotion Process Profit
NO
SYMBOL
I/O
DESCRIPTION
31
VREF
IO
DAC Voltage reference input or output
32
COMP
O
DAC Compensation for the internal reference amplifier
33
VCC_DAC
P
AVDD for DAC
34
DAC1
O
DAC 1 out
35
GND_DAC
G
AGND for DAC
36
VCC_DAC
P
AVDD for DAC
37
DAC2
O
DAC 2 out
38
GND_DAC
G
AGND for DAC
39
VSS
G
Digital GND
40
CPU_MODE
I
External CPU mode
41
EXT_7
IO
Digital video out 7 / VD Out
42
EXT_6
IO
Digital video out 6 / FLD Out
43
EXT_5
IO
Digital video out 5 / HD Out
44
EXT_4
IO
Digital video out 4 / CSYNC Out
45
VDD33
P
3.3V Power
46
EXT_3
IO
Digital video out 3 / Day Out / EXTIO_3
47
EXT_2
IO
Digital video out 2 / IR In
48
EXT_1
IO
Digital video out 1 / MD Out
49
EXT_0
IO
Digital video out 0 / IR PWM Out / EXTIO_0
50
EXT_8
IO
Digital video clock out / IRIS PWM Out
51
VSS
G
Digital GND
52
VRI
I
External V sync input for Line Lock
53
VDD33
P
3.3V Power
54
V1
O
CCD Vertical driving pulse phase 1
55
V2
O
CCD Vertical driving pulse phase 2
56
V3
O
CCD Vertical driving pulse phase 3
57
V4
O
CCD Vertical driving pulse phase 4
58
SG1
O
CCD Read out pulse 1
59
SG2
O
CCD Read out pulse 2
60
SUB
O
CCD Shutter speed control pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com